Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP11TB800UL2 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # DLP11TB800UL2
Description  SMD/BLOCK Type EMI Suppression Filters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP11TB800UL2 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button DLP11TB800UL2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DLP11TB800UL2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DLP11TB800UL2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DLP11TB800UL2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLP11TB800UL2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLP11TB800UL2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLP11TB800UL2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DLP11TB800UL2 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DLP11TB800UL2 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
154
Part Number
Type
Size Code
(Inch)
Rated Current
Common Mode Impedance
(at 100MHz/20
°C)
DLM11GN601SD2
0504
Thickness
(mm)
0.5
1.2
0.45
0.45
0.45
0.45
0.82
0.82
0.82
0.82
0.82
0.82
0.82
0.82
0.82
0.82
0.82
1.15
1.15
1.15
0.82
0.82
0.82
0.82
0.82
0.82
0.82
0.82
0.82
0.82
1.15
1.15
1.15
1.15
1.15
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
0.9
0.9
0.9
0.9
1.9
1.9
1.9
1.9
1.9
1.9
1008
03025
0504
1206
0804
1206
0805
1206
Multilayer Type
for Audio Lines
Film Type
for Differential
Signal Lines
Film Array Type
for Differential
Signal Lines
Wire Wound Type
for Differential
Signal Lines
600ohm
±25%
100mA
DLM2HGN601SZ3
600ohm
±25%
100mA
DLP0NSN670HL2
DLP0NSC280HL2
DLP0NSA150HL2
67ohm
±20%
110mA
28ohm
±20%
100mA
0.45
15ohm
±5ohm
100mA
DLP0NSN900HL2
90ohm
±20%
100mA
DLP0NSN121HL2
120ohm
±20%
90mA
DLP11SA350HL2
35ohm
±20%
170mA
DLP11SA670HL2
67ohm
±20%
150mA
DLP11SN670SL2
67ohm
±20%
180mA
DLP11SA900HL2
DLP11TB800UL2
90ohm
±20%
150mA
0.3
80ohm
±25%
100mA
DLP11SN900HL2
90ohm
±20%
150mA
DLP11SN121SL2
120ohm
±20%
140mA
DLP11SN161SL2
160ohm
±20%
120mA
DLP11SN201HL2
200ohm
±20%
110mA
DLP11SN241HL2
240ohm
±20%
100mA
DLP11SN281HL2
280ohm
±20%
90mA
DLP11SN331HL2
330ohm
±20%
80mA
DLP31SN121ML2
120ohm
±20%
100mA
DLP31SN221ML2
220ohm
±20%
100mA
DLP31SN551ML2
550ohm
±20%
100mA
DLP2ADN670HL4
DLP2ADA900HL4
DLP2ADA670HL4
DLP2ADA350HL4
DLP1NDN350HL4
DLP1NDN670HL4
DLP1NDN900HL4
67ohm
±20%
140mA
90ohm
±20%
120mA
67ohm
±20%
130mA
35ohm
±20%
150mA
0.45
35ohm
±20%
100mA
0.45
67ohm
±20%
80mA
0.45
90ohm
±20%
60mA
DLP2ADN900HL4
90ohm
±20%
130mA
DLP2ADN121HL4
120ohm
±20%
120mA
DLP2ADN161HL4
160ohm
±20%
100mA
DLP2ADN201HL4
200ohm
±20%
90mA
DLP2ADN241HL4
240ohm
±20%
80mA
DLP2ADN281HL4
280ohm
±20%
80mA
DLP31DN900ML4
90ohm
±20%
160mA
DLP31DN131ML4
130ohm
±20%
120mA
DLP31DN201ML4
200ohm
±20%
100mA
DLP31DN321ML4
320ohm
±20%
80mA
DLP31DN441ML4
440ohm
±20%
70mA
DLW21SN670SQ2
67ohm
±25%
400mA
DLW21SN900SQ2
90ohm
±25%
330mA
DLW21SN121SQ2
120ohm
±25%
370mA
DLW21SN181SQ2
180ohm
±25%
330mA
DLW21SN261SQ2
260ohm
±25%
300mA
DLW21SN371SQ2
370ohm
±25%
280mA
DLW21SN670HQ2
67ohm
±25%
320mA
DLW21SN900HQ2
90ohm
±25%
280mA
DLW21SN121HQ2
120ohm
±25%
280mA
DLW21SR670HQ2
67ohm
±25%
400mA
DLW21HN670SQ2
67ohm
±25%
330mA
DLW21HN900SQ2
90ohm
±25%
330mA
DLW21HN121SQ2
120ohm
±25%
280mA
DLW21HN181SQ2
180ohm
±25%
250mA
DLW31SN900SQ2
90ohm
±25%
370mA
DLW31SN161SQ2
160ohm
±25%
340mA
DLW31SN261SQ2
260ohm
±25%
310mA
DLW31SN601SQ2
600ohm
±25%
260mA
DLW31SN102SQ2
1000ohm
±25%
230mA
DLW31SN222SQ2
2200ohm
±25%
200mA
p158
p159
p160
p162
p163
p164
05025
p165
p166
p168
p169
p171
p172
Continued on the following page.
Chip Common Mode Choke Coil
Series Line Up
DLp


Similar Part No. - DLP11TB800UL2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11TB800UL2 MURATA1-DLP11TB800UL2 Datasheet
309Kb / 3P
   Small and low profile of 1.25 x 1.0mm x 0.3mm.
Last updated08/01/2022
logo
Murata Manufacturing Co...
DLP11TB800UL2B MURATA-DLP11TB800UL2B Datasheet
137Kb / 3P
   Common Mode Choke Coil Film Type DLP11S/DLP11T Series (0504 Size)
logo
Murata Manufacturing Co...
DLP11TB800UL2B MURATA1-DLP11TB800UL2B Datasheet
309Kb / 3P
   Small and low profile of 1.25 x 1.0mm x 0.3mm.
Last updated08/01/2022
DLP11TB800UL2B MURATA1-DLP11TB800UL2B Datasheet
169Kb / 3P
   Common Mode Choke Coil Film Type
2011.9.8
logo
Murata Manufacturing Co...
DLP11TB800UL2L MURATA-DLP11TB800UL2L Datasheet
137Kb / 3P
   Common Mode Choke Coil Film Type DLP11S/DLP11T Series (0504 Size)
More results

Similar Description - DLP11TB800UL2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com