Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZM5244B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TZM5244B
Description  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZM5244B Datasheet(HTML) 2 Page - Vishay Siliconix

  TZM5244B Datasheet HTML 1Page - Vishay Siliconix TZM5244B Datasheet HTML 2Page - Vishay Siliconix TZM5244B Datasheet HTML 3Page - Vishay Siliconix TZM5244B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TZM5221B to TZM5267B
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 22-Nov-12
2
Document Number: 85609
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Based on DC measurement at thermal equilibrium; case temperature maintained at 30 °C ± 2 °C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (1)
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC RESISTANCE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
TKVZ
f = 1 kHz
V
mA
μA
V
%/K
NOM.
TYP.
TYP.
TZM5221B
2.4
20
0.25
< 100
1
< 30
< 1200
< - 0.085
TZM5222B
2.5
20
0.25
< 100
1
< 30
< 1250
< - 0.085
TZM5223B
2.7
20
0.25
< 75
1
< 30
< 1300
< - 0.080
TZM5224B
2.8
20
0.25
< 75
1
< 30
< 1400
< - 0.080
TZM5225B
3
20
0.25
< 50
1
< 29
< 1600
< - 0.075
TZM5226B
3.3
20
0.25
< 25
1
< 28
< 1600
< - 0.070
TZM5227B
3.6
20
0.25
< 15
1
< 24
< 1700
< - 0.065
TZM5228B
3.9
20
0.25
< 10
1
< 23
< 1900
< - 0.060
TZM5229B
4.3
20
0.25
< 5
1
< 22
< 2000
< ± 0.055
TZM5230B
4.7
20
0.25
< 5
2
< 19
< 1900
< ± 0.030
TZM5231B
5.1
20
0.25
< 5
2
< 17
< 1600
< ± 0.030
TZM5232B
5.6
20
0.25
< 5
3
< 11
< 1600
< + 0.038
TZM5233B
6
20
0.25
< 5
3.5
< 7
< 1600
< + 0.038
TZM5234B
6.2
20
0.25
< 5
4
< 7
< 1000
< + 0.045
TZM5235B
6.8
20
0.25
< 3
5
< 5
< 750
< + 0.050
TZM5236B
7.5
20
0.25
< 3
6
< 6
< 500
< + 0.058
TZM5237B
8.2
20
0.25
< 3
6.5
< 8
< 500
< + 0.062
TZM5238B
8.7
20
0.25
< 3
6.5
< 8
< 600
< + 0.065
TZM5239B
9.1
20
0.25
< 3
7
< 10
< 600
< + 0.068
TZM5240B
10
20
0.25
< 3
8
< 17
< 600
< + 0.075
TZM5241B
11
20
0.25
< 2
8.4
< 22
< 600
< + 0.076
TZM5242B
12
20
0.25
< 1
9.1
< 30
< 600
< + 0.077
TZM5243B
13
9.5
0.25
< 0.5
9.9
< 13
< 600
< + 0.079
TZM5244B
14
9
0.25
< 0.1
10
< 15
< 600
< + 0.082
TZM5245B
15
8.5
0.25
< 0.1
11
< 16
< 600
< + 0.082
TZM5246B
16
7.8
0.25
< 0.1
12
< 17
< 600
< + 0.083
TZM5247B
17
7.4
0.25
< 0.1
13
< 19
< 600
< + 0.084
TZM5248B
18
7
0.25
< 0.1
14
< 21
< 600
< + 0.085
TZM5249B
19
6.6
0.25
< 0.1
14
< 23
< 600
< + 0.086
TZM5250B
20
6.2
0.25
< 0.1
15
< 25
< 600
< + 0.086
TZM5251B
22
5.6
0.25
< 0.1
17
< 29
< 600
< + 0.087
TZM5252B
24
5.2
0.25
< 0.1
18
< 33
< 600
< + 0.088
TZM5253B
25
5
0.25
< 0.1
19
< 35
< 600
< + 0.089
TZM5254B
27
4.6
0.25
< 0.1
21
< 41
< 600
< + 0.090
TZM5255B
28
4.5
0.25
< 0.1
21
< 44
< 600
< + 0.091
TZM5256B
30
4.2
0.25
< 0.1
23
< 49
< 600
< + 0.091
TZM5257B
33
3.8
0.25
< 0.1
25
< 58
< 700
< + 0.092
TZM5258B
36
3.4
0.25
< 0.1
27
< 70
< 700
< + 0.093
TZM5259B
39
3.2
0.25
< 0.1
30
< 80
< 800
< + 0.094
TZM5260B
43
3
0.25
< 0.1
33
< 93
< 900
< + 0.095
TZM5261B
47
2.7
0.25
< 0.1
36
105
< 1000
< + 0.095
TZM5262B
51
2.5
0.25
< 0.1
39
125
< 1100
< + 0.096
TZM5263B
56
2.2
0.25
< 0.1
43
150
< 1300
< + 0.096
TZM5264B
60
2.1
0.25
< 0.1
46
170
< 1400
< + 0.097
TZM5265B
62
2
0.25
< 0.1
47
185
< 1400
< + 0.097
TZM5266B
68
1.8
0.25
< 0.1
52
230
< 1600
< + 0.097
TZM5267B
75
1.7
0.25
< 0.1
56
270
< 1700
< + 0.098


Similar Part No. - TZM5244B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZM5244B VISHAY-TZM5244B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
logo
TAITRON Components Inco...
TZM5244B TAITRON-TZM5244B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZM5244B VISHAY-TZM5244B Datasheet
81Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 21-Mar-06
TZM5244B VISHAY-TZM5244B Datasheet
78Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
TZM5244B VISHAY-TZM5244B Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
More results

Similar Description - TZM5244B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com