Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSA470M50V6.3x11F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSA470M50V6.3x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSA470M50V6.3x11F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSA470M50V6.3x11F Datasheet HTML 1Page - NIC-Components Corp. NRSA470M50V6.3x11F Datasheet HTML 2Page - NIC-Components Corp. NRSA470M50V6.3x11F Datasheet HTML 3Page - NIC-Components Corp. NRSA470M50V6.3x11F Datasheet HTML 4Page - NIC-Components Corp. NRSA470M50V6.3x11F Datasheet HTML 5Page - NIC-Components Corp. NRSA470M50V6.3x11F Datasheet HTML 6Page - NIC-Components Corp. NRSA470M50V6.3x11F Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
123
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRSA Series
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NRSA331M6.3V6.3x11F
330
6.3
0.24
240
1.11
2,000
NRSA471M6.3V8x11.5F
470
0.24
330
0.777
2,000
NRSA681M6.3V10x12.5F
680
0.24
460
0.526
2,000
NRSA102M6.3V10x12.5F
1,000
0.24
570
0.365
2,000
NRSA152M6.3V10x20F
1,500
0.24
790
0.243
2,000
NRSA222M6.3V12.5x20F
2,200
0.24
940
0.181
2,000
NRSA332M6.3V12.5x20F
3,300
0.26
1100
0.131
2,000
NRSA472M6.3V16x25F
4,700
0.28
1300
0.0988
2,000
NRSA682M6.3V16x25F
6,800
0.32
1600
0.0781
2,000
NRSA103M6.3V16x31F
10,000
0.40
1800
0.0663
2,000
NRSA470M10V5x11F
47
10
0.20
70
7.05
2,000
NRSA101M10V5x11F
100
0.20
130
3.16
2,000
NRSA151M10V5x11F
150
0.20
170
1.68
2,000
NRSA221M10V6.3x11F
220
0.20
210
1.44
2,000
NRSA331M10V8x11.5F
330
020
290
0.956
2,000
NRSA471M10V8x11.5F
470
0.20
350
0.671
2,000
NRSA102M10V10x16F
1,000
0.20
660
0.316
2,000
NRSA152M10V12.5x20F
1,500
0.20
870
0.210
2,000
NRSA222M10V12.5x20F
2,200
0.21
1000
0.159
2,000
NRSA332M10V12.5x25F
3,300
0.23
1200
0.116
2,000
NRSA472M10V16x25F
4,700
0.25
1500
0.0883
2,000
NRSA682M10V16x31F
6,800
0.29
1700
0.0708
2,000
NRSA103M10V18x36F
10,000
0.37
1900
0.0614
2,000
NRSA100M16V5x11F
10
16
0.16
28
26.5
2,000
NRSA220M16V5x11F
22
0.16
50
7.53
2,000
NRSA330M16V5x11F
33
0.16
80
8.05
2,000
NRSA470M16V5x11F
47
0.16
95
5.65
2,000
NRSA101M16V6.3x11F
100
0.16
160
2.66
2,000
NRSA151M16V6.3x11F
150
0.16
210
1.42
2,000
NRSA221M16V8x11.5F
220
0.16
260
1.21
2,000
NRSA331M16V8x11.5F
330
0.16
330
0.805
2,000
NRSA471M16V10x12.5F
470
0.16
440
0.565
2,000
NRSA102M16V10x20F
1,000
0.16
760
0.266
2,000
NRSA152M16V12.5x25F
1,500
0.16
1050
0.177
2,000
NRSA222M16V12.5x25F
2,200
0.18
1200
0.136
2,000
NRSA332M16V16x25F
3,300
0.20
1400
0.101
2,000
NRSA472M16V16x31.5F
4,700
0.22
1700
0.0777
2,000
NRSA682M16V18x36F
6,800
0.26
2000
0.0653
2,000
NRSA220M25V5x11F
22
25
0.14
70
10.6
2,000
NRSA330M25V5x11F
33
0.14
85
7.04
2,000
NRSA470M25V5x11F
47
0.14
100
4.94
2,000
NRSA101M25V6.3x11F
100
0.14
170
2.33
2,000
NRSA151M25V8x11.5F
150
0.14
220
1.24
2,000
NRSA221M25V8x11.5F
220
0.14
270
1.06
2,000
NRSA331M25V10x12.5F
330
0.14
400
0.704
2,000
NRSA471M25V10x16F
470
0.14
510
0.494
2,000
NRSA102M25V12.5x20F
1,000
0.14
900
0.233
2,000
NRSA152M25V12.5x25F
1,500
0.14
1100
0.155
2,000
NRSA222M25V16x25F
2,200
0.16
1300
0.121
2,000
NRSA332M25V16x31.5F
3,300
0.18
1600
0.0905
2,000
NRSA472M25V18x35.5F
4,700
0.20
1900
0.0706
2,000
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)


Similar Part No. - NRSA470M50V6.3x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSA470M50V6.3X11TRF NIC-NRSA470M50V6.3X11TRF Datasheet
168Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSA470M50V6.3x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com