Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM155R61E104KA87D Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # GRM155R61E104KA87D
Description  CHIP MONOLITHIC CERAMIC CAPACITOR FOR GENERAL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM155R61E104KA87D Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button GRM155R61E104KA87D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM155R61E104KA87D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM155R61E104KA87D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM155R61E104KA87D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM155R61E104KA87D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM155R61E104KA87D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM155R61E104KA87D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM155R61E104KA87D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM155R61E104KA87D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
 (4)GR□18/21/31/32
 T:0.85 rank max.
(in:mm)
 (5)GR□21/31/32  
T:1.0 rank min.
(in:mm)
Package
GRM/F Type
4.0±0.1
4.0±0.1
2.0±0.1
φ1.5
+0.1
-0
0.8 max.(T=0.5mm)
1.15 max.(T≦0.85mm)
Code
GR□18
Dimensions Tolerance
±0.15within
GR□18
Dimensions Tolerance
±0.2
GR□18
(Dimensions Tolerance
L:±0.2/ W,T:±0.1)
GR□21
GR□31
GR□32
A
1.05±0.1
1.10±0.1
1.05±0.1
1.55±0.15
2.0±0.2
2.8±0.2
B
1.85±0.1
2.00±0.1
2.00±0.1
2.3±0.15
3.6±0.2
3.6±0.2
4.0±0.1
2.0±0.1
φ1.5
+0.1
-0
1.7 max.(T≦1.25mm)
2.5 max. (T:1.35/1.6mm)
3.0 max. (T:1.8/2.0mm)
3.7 max. (T≧2.5mm)
4.0±0.1
0.25±0.1(T≦2.0mm)
0.3±0.1(T:2.5mm)
Code
GR□21
Dimensions Tolerance:
±0.1
GR□21
Dimensions Tolerance :
±0.15 /±0.2
GR□31
Dimensions Tolerance:
±0.2 within
GR□31
Dimensions Tolerance:
±0.3
GR□32
A
1.45±0.2
1.5±0.2
1.9±0.2
2.1±0.2
2.8±0.2
B
2.25±0.2
2.3±0.2
3.5±0.2
3.6±0.2
3.5±0.2
JEMCGP-01796
8


Similar Part No. - GRM155R61E104KA87D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R61E104KA87 MURATA-GRM155R61E104KA87 Datasheet
864Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM155R61E104KA87D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com