Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM03PG220SN1D Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # BLM03PG220SN1D
Description  SMD/BLOCK Type EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM03PG220SN1D Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button BLM03PG220SN1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM03PG220SN1D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM03PG220SN1D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM03PG220SN1D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM03PG220SN1D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM03PG220SN1D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM03PG220SN1D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM03PG220SN1D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM03PG220SN1D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
19
Continued on the following page.
Part Number
Impedance
Rated
Current
at 100MHz/20
°C
at 1GHz/20
°C
BLM18PG300SN1
30ohm(Typ.)
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.5
0.5
0.5
0.5
0.5
For Power
Lines
Standard Type
Low DC Resistance
Type
1000mA
BLM18PG330SN1
33ohm
±25%
3000mA
BLM18PG600SN1
60ohm(Typ.)
500mA
BLM18PG121SN1
120ohm
±25%
2000mA
BLM18PG181SN1
180ohm
±25%
1500mA
BLM18PG221SN1
220ohm
±25%
1400mA
BLM18PG331SN1
330ohm
±25%
1200mA
BLM18PG471SN1
470ohm
±25%
1000mA
BLM18KG260TN1
BLM18KG300TN1
BLM18KG101TN1
26ohm
±25%
30ohm
±25%
6000mA
5000mA
BLM18KG700TN1
70ohm
±25%
100ohm
±25%
3500mA
3000mA
BLM18KG121TN1
120ohm
±25%
3000mA
BLM18KG221SN1
220ohm
±25%
2200mA
BLM18KG331SN1
330ohm
±25%
1700mA
BLM18KG471SN1
470ohm
±25%
1500mA
BLM18KG601SN1
600ohm
±25%
1300mA
BLM18SG260TN1
26ohm
±25%
6000mA
BLM18SG700TN1
70ohm
±25%
4000mA
BLM18SG121TN1
120ohm
±25%
3000mA
BLM18SG221TN1
220ohm
±25%
2500mA
BLM18SG331TN1
330ohm
±25%
1500mA
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
p34
p42
p44
Type
Size
Code
(Inch)
Thickness
(mm)
For Digital Interface Lines
-
-
-
-
-
BLM18RK121SN1
120ohm
±25%
200mA
BLM18RK221SN1
220ohm
±25%
200mA
BLM18RK471SN1
470ohm
±25%
200mA
BLM18RK601SN1
600ohm
±25%
200mA
BLM18RK102SN1
1000ohm
±25%
200mA
p70
0603
For High Speed Signal Lines
(Sharp Impedance Curve)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
BLM18BB221SN1
220ohm
±25%
450mA
BLM18BD221SN1
220ohm
±25%
200mA
BLM18BB331SN1
330ohm
±25%
400mA
BLM18BD331SN1
330ohm
±25%
200mA
BLM18BD421SN1
420ohm
±25%
200mA
BLM18BB471SN1
470ohm
±25%
300mA
BLM18BD471SN1
470ohm
±25%
200mA
BLM18BD601SN1
600ohm
±25%
200mA
BLM18BD102SN1
1000ohm
±25%
100mA
BLM18BD152SN1
1500ohm
±25%
50mA
BLM18BD182SN1
1800ohm
±25%
50mA
BLM18BD222SN1
2200ohm
±25%
50mA
BLM18BD252SN1
2500ohm
±25%
50mA
BLM18BA050SN1
5ohm
±25%
500mA
BLM18BB050SN1
5ohm
±25%
700mA
BLM18BA100SN1
10ohm
±25%
500mA
BLM18BB100SN1
10ohm
±25%
700mA
BLM18BA220SN1
22ohm
±25%
500mA
BLM18BB220SN1
22ohm
±25%
600mA
BLM18BA470SN1
47ohm
±25%
300mA
BLM18BB470SN1
47ohm
±25%
550mA
BLM18BD470SN1
47ohm
±25%
500mA
BLM18BB600SN1
60ohm
±25%
550mA
BLM18BA750SN1
75ohm
±25%
300mA
BLM18BB750SN1
75ohm
±25%
500mA
BLM18BA121SN1
120ohm
±25%
200mA
BLM18BB121SN1
120ohm
±25%
500mA
BLM18BD121SN1
120ohm
±25%
200mA
BLM18BB141SN1
140ohm
±25%
450mA
BLM18BB151SN1
150ohm
±25%
450mA
BLM18BD151SN1
150ohm
±25%
200mA
p63
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
BLp Chip Ferrite Bead Series Line Up


Similar Part No. - BLM03PG220SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM03PG220SN1 MURATA-BLM03PG220SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM03PG220SN1 MURATA-BLM03PG220SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM03PG220SN1 MURATA-BLM03PG220SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM03PG220SN1 MURATA-BLM03PG220SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM03PG220SN1 MURATA1-BLM03PG220SN1 Datasheet
244Kb / 4P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
More results

Similar Description - BLM03PG220SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com