Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11G1300 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # H11G1300
Description  HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11G1300 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  H11G1300 Datasheet HTML 1Page - Fairchild Semiconductor H11G1300 Datasheet HTML 2Page - Fairchild Semiconductor H11G1300 Datasheet HTML 3Page - Fairchild Semiconductor H11G1300 Datasheet HTML 4Page - Fairchild Semiconductor H11G1300 Datasheet HTML 5Page - Fairchild Semiconductor H11G1300 Datasheet HTML 6Page - Fairchild Semiconductor H11G1300 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Lead Coplanarity : 0.004 (0.10) MAX
0.270 (6.86)
0.240 (6.10)
0.350 (8.89)
0.330 (8.38)
0.300 (7.62)
TYP
0.405 (10.30)
MAX
0.315 (8.00)
MIN
0.016 (0.40) MIN
2
5
PIN 1
ID.
0.016 (0.41)
0.008 (0.20)
0.100 (2.54)
TYP
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.165 (4.18)
4
3
0.020 (0.51)
MIN
1
6
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.350 (8.89)
0.330 (8.38)
0.270 (6.86)
0.240 (6.10)
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.135 (3.43)
0.300 (7.62)
TYP
0° to 15°
0.154 (3.90)
0.100 (2.54)
0.016 (0.40)
0.008 (0.20)
32
1
45
6
0.016 (0.40)
0.008 (0.20)
0.070 (1.78)
0.045 (1.14)
0.350 (8.89)
0.330 (8.38)
0.154 (3.90)
0.100 (2.54)
0.200 (5.08)
0.135 (3.43)
0.004 (0.10)
MIN
0.270 (6.86)
0.240 (6.10)
0.400 (10.16)
TYP
0° to 15°
0.022 (0.56)
0.016 (0.41)
0.100 (2.54) TYP
3
PIN 1
ID.
21
456
NOTE
All dimensions are in inches (millimeters)
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)
Package Dimensions (Surface Mount)
Package Dimensions (Through Hole)
Package Dimensions (0.4”Lead Spacing)
Recommended Pad Layout for
Surface Mount Leadform
HIGH VOLTAGE
PHOTODARLINGTON OPTOCOUPLERS
H11G1, H11G2, H11G3
7/21/00
200045A


Similar Part No. - H11G1300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11G1 MOTOROLA-H11G1 Datasheet
300Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
logo
QT Optoelectronics
H11G1 QT-H11G1 Datasheet
300Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPERS
logo
List of Unclassifed Man...
H11G1 ETC1-H11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
ISOCOM COMPONENTS
H11G1 ISOCOM-H11G1 Datasheet
56Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11G1 ISOCOM-H11G1 Datasheet
76Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
More results

Similar Description - H11G1300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
ON Semiconductor
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com