Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSS682M6.3V12.5x25F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRSS682M6.3V12.5x25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSS682M6.3V12.5x25F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRSS682M6.3V12.5x25F Datasheet HTML 1Page - NIC-Components Corp. NRSS682M6.3V12.5x25F Datasheet HTML 2Page - NIC-Components Corp. NRSS682M6.3V12.5x25F Datasheet HTML 3Page - NIC-Components Corp. NRSS682M6.3V12.5x25F Datasheet HTML 4Page - NIC-Components Corp. NRSS682M6.3V12.5x25F Datasheet HTML 5Page - NIC-Components Corp. NRSS682M6.3V12.5x25F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Taping Dimensions (mm)
SPECIAL STRAIGHT LEAD TAPING TBST
SPECIAL RADIAL TAPING (2.5mm LEAD SPACING, FORMED LEADS) TBF1
Case Dia.
(Dφ)
4
5
6.3
8
Case Size
4x5
4x7
5x5
5x7 5x11
6.3x5
6.3x7 6.3x11
8x11.5
Dim.
dφ ±0.05
0.45 0.45
0.5
0.45
0.5
0.6
H ±0.75
17.5 17.5 18.5
17.5
18.5
20.0
F +0.8 ~ -0.2
2.0*
2.0
2.0
2.5
2.5
3.5
P ±1.0
12.7 ±0.2
P0
12.7 ±0.2
P
1
5.1
5.1
5.1
5.1
5.1
4.6
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min.
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
* Parts with 4mm diameter are taped with a slight are in the
lead and a 2.0mm lead-space.
Miniature Aluminum Electrolytic Capacitors Taping Speci cations
Case Dia.
(Dφ)
45
Case Size 4x5
4x7
5x5
5x7 5x11
Dim.
dφ ±0.05 0.45 0.45 0.5
H ±0.75
17.5 17.5 18.5
H0 ±0.5
16.0
-
-
F
2.5 -02 ~ +0.8
P
12.7 ±1.0
P0
12.7 ±0.2
P1
5.1 ±0.5
P2
6.35 ±1.0
W
18.0 ±0.5
W0
11.5 min.
W1
9.0 ±0.5
W2
0 ~ 1.5
I
1.0 max.
D0φ
4.0 ±0.2
Δh
0 ±1.0
t
0.7 ±0.2
Taping Dimensions (mm)
1max
t
Δh
P
2
P
∅D
P
1
w
2
w
0
w
0
P
0
F
S ∅D
0
∅d
W
1
H
P
2
P
∅D
P
1
w
2
w
0
w
0
P
0
F
S ∅D
0
∅d
W
H
1max
t
Δh
H0


Similar Part No. - NRSS682M6.3V12.5x25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSS682M6.3V12.5X25TRF NIC-NRSS682M6.3V12.5X25TRF Datasheet
175Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSS682M6.3V12.5x25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com