Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11D4SD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11D4SD
Description  HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11D4SD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11D4SD Datasheet HTML 1Page - Fairchild Semiconductor H11D4SD Datasheet HTML 2Page - Fairchild Semiconductor H11D4SD Datasheet HTML 3Page - Fairchild Semiconductor H11D4SD Datasheet HTML 4Page - Fairchild Semiconductor H11D4SD Datasheet HTML 5Page - Fairchild Semiconductor H11D4SD Datasheet HTML 6Page - Fairchild Semiconductor H11D4SD Datasheet HTML 7Page - Fairchild Semiconductor H11D4SD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8/9/00
200046A
H11D1, H11D2, H11D3, H11D4, 4N38
HIGH VOLTAGE
PHOTOTRANSISTOR OPTOCOUPLERS
Notes
* Parameters meet or exceed JEDEC registered data (for 4N38 only)
** All typical values at TA = 25°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
(IF = 10 mA)
VF
ALL
1.15
1.5
V
*Forward Voltage
Forward Voltage Temp.
!VF
ALL
-1.8
mV/°C
Coefficient
!TA
Reverse Breakdown Voltage
(IR = 10 µA)
BVR
ALL
6
25
V
Junction Capacitance
(VF = 0 V, f = 1 MHz)
CJ
ALL
50
pF
(VF = 1 V, f = 1 MHz)
ALL
65
pF
*Reverse Leakage Current
(VR = 6 V)
IR
ALL
0.05
10
µA
DETECTOR
(RBE = 1 M")
BVCER
H11D1/2
300
*Breakdown Voltage
(IC = 1.0 mA, IF = 0)
H11D3/4
200
Collector to Emitter
(No RBE) (IC = 1.0 mA)
BVCEO
4N38
80
H11D1/2
300
V
*Collector to Base
(IC = 100 µA, IF = 0)
BVCBO
H11D3/4
200
4N38
80
Emitter to Base
(IE = 100 µA , IF = 0)
BVEBO
4N38
7
Emitter to Collector
BVECO
ALL
7
10
(VCE = 200 V, IF = 0, TA = 25°C)
H11D1/2
100
nA
*Leakage Current
(VCE = 200 V, IF = 0, TA = 100°C)
ICER
250
µA
Collector to Emitter
(VCE = 100 V, IF = 0, TA = 25°C)
H11D3/4
100
nA
(RBE = 1 M")(VCE = 100 V, IF = 0, TA = 100°C)
250
µA
(No RBE) (VCE = 60 V, IF = 0, TA = 25°C)
ICEO
4N38
50
nA
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Symbol
Value
Units
DETECTOR
300
mW
*Power Dissipation @ TA = 25°CPD
Derate linearly above 25°C
4.0
mW/°C
H11D1 - H11D2
300
*Collector to Emitter Voltage
H11D3 - H11D4
VCER
200
4N38
80
H11D1 - H11D2
300
V
*Collector Base Voltage
H11D3 - H11D4
VCBO
200
4N38
80
*Emitter to Collector Voltage
H11D1 - H11D2
VECO
7
H11D3 - H11D4
Collector Current (Continuous)
100
mA
ABSOLUTE MAXIMUM RATINGS (Cont.)


Similar Part No. - H11D4SD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11D4 VISHAY-H11D4 Datasheet
120Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCER Voltage
Rev. 1.5, 19-Nov-07
logo
ISOCOM COMPONENTS
H11D4 ISOCOM-H11D4 Datasheet
78Kb / 3P
   HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
H11D4X ISOCOM-H11D4X Datasheet
78Kb / 3P
   HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - H11D4SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2M FAIRCHILD-H11D1SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1M FAIRCHILD-H11D1M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2VM FAIRCHILD-H11D1SR2VM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com