Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACZ102M10V10X10.5TR13F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NACZ102M10V10X10.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACZ102M10V10X10.5TR13F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NACZ102M10V10X10.5TR13F Datasheet HTML 1Page - NIC-Components Corp. NACZ102M10V10X10.5TR13F Datasheet HTML 2Page - NIC-Components Corp. NACZ102M10V10X10.5TR13F Datasheet HTML 3Page - NIC-Components Corp. NACZ102M10V10X10.5TR13F Datasheet HTML 4Page - NIC-Components Corp. NACZ102M10V10X10.5TR13F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Case Size
Preheat:
150°C ~ 180°C
Max. Soldering
Temperature
Max. Exposure Time at Max.
Soldering Temperature
Max. Exposure Time
Above +200°C
Multiple Reflow
Exposure
4x6.3
120 seconds max.
+250°C
5 seconds
70 seconds
2 times max.
5x6.3
120 seconds max.
+250°C
5 seconds
70 seconds
2 times max.
6.3x6.3
120 seconds max.
+250°C
5 seconds
70 seconds
2 times max.
6.3x8
120 seconds max.
+250°C
5 seconds
70 seconds
2 times max.
8x10.5
120 seconds max.
+245°C
5 seconds
60 seconds
2 times max.
10x8
120 seconds max.
+240°C
5 seconds
50 seconds
2 times max.
10x10.5
120 seconds max.
+240°C
5 seconds
50 seconds
2 times max.
12.5x14
120 seconds max.
+240°C
5 seconds
50 seconds
2 times max.
16x17
120 seconds max.
+230°C
5 seconds
30 seconds
2 times max.
Surface Mount Aluminum Electrolytic Capacitors NACZ Series
PEAK REFLOW SOLDERING TEMPERATURES
AND DURATIONS (STANDARD VERSION)
Case Size
Preheat:
150°C ~ 180°C
Max. Soldering
Temperature
Max. Exposure Time at Max.
Soldering Temperature
Max. Exposure Time
Above +200°C
Max. Exposure Time
Above +230°C
Multiple Reflow
Exposure
4x6.3
120 seconds max.
+255°C
5 seconds
60 seconds
30 seconds
2 times max.
5x6.3
120 seconds max.
+255°C
5 seconds
60 seconds
30 seconds
2 times max.
6.3x6.3
120 seconds max.
+255°C
5 seconds
60 seconds
30 seconds
2 times max.
6.3x8
120 seconds max.
+255°C
5 seconds
60 seconds
30 seconds
2 times max.
8x10.5
120 seconds max.
+250°C
5 seconds
60 seconds
30 seconds
2 times max.
10x8
120 seconds max.
+250°C
5 seconds
60 seconds
30 seconds
2 times max.
10x10.5
120 seconds max.
+250°C
5 seconds
60 seconds
20 seconds
2 times max.
PEAK REFLOW SOLDERING TEMPERATURES
AND DURATIONS (M1 VERSION)
RECOMMENDED REFLOW SOLDERING PROFILE
Time Above 200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(see table for temperature)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
Case Size
a
b
c
4
φ
1.0
2.6
1.8
5
φ
1.4
3.0
1.8
6.3
φ
2.1
3.5
1.8
8
φ
2.8
4.1
2.1
10
φ
4.3
4.4
2.5
12.5
φ
4.3
5.8
2.5
16
φ
6.6
6.5
5.0
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NACZ102M10V10X10.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACZ102M10V10X105TR13F NIC-NACZ102M10V10X105TR13F Datasheet
173Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACZ102M10V10X10.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com