Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11G1W Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11G1W
Description  HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11G1W Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11G1W Datasheet HTML 1Page - Fairchild Semiconductor H11G1W Datasheet HTML 2Page - Fairchild Semiconductor H11G1W Datasheet HTML 3Page - Fairchild Semiconductor H11G1W Datasheet HTML 4Page - Fairchild Semiconductor H11G1W Datasheet HTML 5Page - Fairchild Semiconductor H11G1W Datasheet HTML 6Page - Fairchild Semiconductor H11G1W Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
7/21/00
200045A
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
(IF = 10 mA)
VF
ALL
1.3
1.50
V
Forward Voltage
Forward Voltage Temp.
VF
ALL
-1.8
mV/°C
Coefficient
TA
Reverse Breakdown Voltage
(IR = 10 µA)
BVR
ALL
3.0
25
V
Junction Capacitance
(VF = 0 V, f = 1 MHz)
CJ
ALL
50
pF
(VF = 1 V, f = 1 MHz)
ALL
65
pF
Reverse Leakage Current
(VR = 3.0 V)
IR
ALL
0.001
10
µA
DETECTOR
H11G1
100
Breakdown Voltage
(IC = 1.0 mA, IF = 0)
BVCEO
H11G2
80
Collector to Emitter
H11G3
55
H11G1
100
V
Collector to Base
(IC = 100 µA)
BVCBO
H11G2
80
H11G3
55
Emitter to Base
BVEBO
ALL
7
10
(VCE = 80 V, IF = 0)
H11G1
Leakage Current
(VCE = 60 V, IF = 0)
H11G2
100
nA
Collector to Emitter
(VCE = 30 V, IF = 0)
ICEO
H11G3
(VCE = 80 V, IF = 0, TA = 80°C)
H11G1
100
µA
(VCE = 60 V, IF = 0, TA = 80°C)
H11G2
INDIVIDUAL COMPONENT CHARACTERISTICS
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
Current Transfer Ratio
(IF = 10 mA, VCE = 1 V)
H11G1/2 100 (1000)
Collector to Emitter
CTR
mA (%)
(IF = 1 mA, VCE = 5 V)
H11G1/2
5 (500)
H11G3
2 (200)
(IF = 16 mA, IC = 50 mA)
H11G1/2
0.85
1.0
Saturation Voltage
(IF = 1 mA, IC = 1 mA)
VCE (SAT) H11G1/2
0.75
1.0
V
(IF = 20 mA, IC = 50 mA)
H11G3
0.85
1.2
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
SWITCHING TIMES
(RL = 100 , IF = 10 mA)
ton
ALL
5
Turn-on Time
µs
Turn-off Time
(VCE = 5 V) Pulse Width
300 µs, f
30 Hz)
toff
ALL
100
TRANSFER CHARACTERISTICS
HIGH VOLTAGE
PHOTODARLINGTON OPTOCOUPLERS
H11G1, H11G2, H11G3
** All typical values at TA = 25°C


Similar Part No. - H11G1W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11G1 MOTOROLA-H11G1 Datasheet
300Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
logo
QT Optoelectronics
H11G1 QT-H11G1 Datasheet
300Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPERS
logo
List of Unclassifed Man...
H11G1 ETC1-H11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
ISOCOM COMPONENTS
H11G1 ISOCOM-H11G1 Datasheet
56Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11G1 ISOCOM-H11G1 Datasheet
76Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
More results

Similar Description - H11G1W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
ON Semiconductor
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com