Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCB-H0402P301TR150F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCB-H0402P301TR150F
Description  High Current Ferrite Chip Beads NCB-H
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCB-H0402P301TR150F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCB-H0402P301TR150F Datasheet HTML 1Page - NIC-Components Corp. NCB-H0402P301TR150F Datasheet HTML 2Page - NIC-Components Corp. NCB-H0402P301TR150F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
EIA
Size
NIC
P/N
Impedance
at 100MHz
Ω (±25% Tol.)
DC
Resistance
Max. (
Ω)
DC
Current
Max. (mA)
Style
Code
A
(mm)
B
(mm)
C
(mm)
D
(mm)
1206
NCB-H1206B151TR200F
150
0.100
2000
1
3.2 ±0.2
1.6 ±0.2
1.1 ±0.2
0.5 ±0.3
NCB-H1206B301TR250F
300
0.050
2500
NCB-H1206B471TR100F
470
0.200
1000
NCB-H1206B501TR300F
500
0.040
3000
NCB-H1206B601TR200F
600
0.100
2000
1806
NCB-H1806E600TR600F
60
0.010
6000
1
4.5 ±0.25
1.6 ±0.2
1.6 ±0.2
0.5 ±0.3
NCB-H1806E800TR300F
80
0.040
3000
NCB-H1806E181TR300F
180
0.040
3000
NCB-H1806E102TR150F
1000
0.15
1500
1812
NCB-H1812D800TR600F
80
0.010
6000
1
4.5 ±0.25
3.2 ±0.2
1.5 ±0.2
0.5 ±0.3
NCB-H1812D125TR150F
125
0.050
1500
NCB-H1812D131TR300F
130
0.040
3000
NCB-H1812D151TR500F
150
0.020
5000
NCB-H1812D681TR400F
680
0.030
4000
NCB-H1812D132TR300F
1300
0.060
3000
1612
NCB1612K480TR500F
48
0.001
5000
2*
4.2 ±0.4
3.1 ±0.2
2.6 ±0.2
1.3 ±0.3
3312
NCB3312K900TR500F
90
0.001
5000
8.6 ±0.4
3.2 ±0.3
2.6 ±0.2
1.3 ±0.3
3119
NCB3119L950TR500F
95
0.001
5000
7.8 ±0.4
4.7 ±0.3
2.9 ±0.2
1.3 ±0.3
High Current Ferrite Chip Beads
NCB-H Series
For Impedance (Z) over Frequency curves
see www.RFpassives.com
Note: Other values and case sizes available.
*STYLE 2 TYPES, TEMPERATURE RANGE -25°C ~ +85°C
STYLE 2
1.27mm
B
C
D
A
STYLE 1 (EIA Size Chips)
TERMINATION:
(Nickel Barrier
with Sn Plate Finish)
D
D
A
B
C
PART NUMBER SYSTEM
A
200
Part Thickness Max; A=1.1mm, B=1.3mm, C=1.5mm, D=1.7mm, E=1.8mm, K=2.8mm, L=3.1mm, N=0.33, P=0.65mm, R=0.95mm
Packaging: TR = Tape and Reel
0805
Size
NCB-H
Series
121
Impedance at 100Mhz
3 digit code; first two digits are significant third digit is no. of zeros
F
RoHS Compliant
TR
DC Current Rating (see standard values and case size table)
OPERATING TEMPERATURE RANGE: -40OC TO +125OC*


Similar Part No. - NCB-H0402P301TR150F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB-H0402P301TR150F NIC-NCB-H0402P301TR150F Datasheet
92Kb / 4P
   High Current Ferrite Chip Beads
More results

Similar Description - NCB-H0402P301TR150F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y Datasheet
1Mb / 8P
   High Current Chip Ferrite Beads
MH2029-101Y BOURNS-MH2029-101Y Datasheet
1Mb / 8P
   High Current Chip Ferrite Beads
logo
NIC-Components Corp.
NCBH NIC-NCBH Datasheet
92Kb / 4P
   High Current Ferrite Chip Beads
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y_14 Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
   Multilayer High-Current Ferrite Chip Beads
logo
NIC-Components Corp.
NCBGH NIC-NCBGH Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
Bourns Electronic Solut...
MH1608 BOURNS-MH1608 Datasheet
778Kb / 5P
    MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
logo
Frontier Electronics.
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com