Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHLP5050FDER220M5A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IHLP5050FDER220M5A
Description  Low Profile, High Current IHLP® Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP5050FDER220M5A Datasheet(HTML) 5 Page - Vishay Siliconix

  IHLP5050FDER220M5A Datasheet HTML 1Page - Vishay Siliconix IHLP5050FDER220M5A Datasheet HTML 2Page - Vishay Siliconix IHLP5050FDER220M5A Datasheet HTML 3Page - Vishay Siliconix IHLP5050FDER220M5A Datasheet HTML 4Page - Vishay Siliconix IHLP5050FDER220M5A Datasheet HTML 5Page - Vishay Siliconix IHLP5050FDER220M5A Datasheet HTML 6Page - Vishay Siliconix IHLP5050FDER220M5A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IHLP-5050FD-5A
www.vishay.com
Vishay Dale
Revision: 08-Jan-13
5
Document Number: 34337
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS: INDUCTANCE AND Q VS. FREQUENCY
0
20
40
60
80
0
10
20
30
40
0.1
1
10
100
FREQUENCY (MHz)
IHLP5050FD-5A 6.8 µH
L
Q
0
20
40
60
80
0
20
40
60
80
0.1
1
10
100
FREQUENCY (MHz)
IHLP5050FD-5A 7.8 µH
L
Q
0
20
40
60
80
100
0
10
20
30
40
50
0.1
1
10
100
FREQUENCY (MHz)
IHLP5050FD-5A 8.2 µH
L
Q
0
20
40
60
80
100
0
20
40
60
80
100
0.1
1
10
100
FREQUENCY (MHz)
IHLP5050FD-5A 10 µH
L
Q
0
20
40
60
80
100
0
20
40
60
80
100
0.1
1
10
FREQUENCY (MHz)
IHLP5050FD-5A 12 µH
L
Q
0
20
40
60
80
100
0
20
40
60
80
100
0.1
1
10
FREQUENCY (MHz)
IHLP5050FD-5A 15 µH
L
Q
0
20
40
60
80
100
0
50
100
150
200
0.1
1
10
FREQUENCY (MHz)
IHLP5050FD-5A 22 µH
L
Q


Similar Part No. - IHLP5050FDER220M5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP5050FDER2R2M01 VISHAY-IHLP5050FDER2R2M01 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
More results

Similar Description - IHLP5050FDER220M5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP1212BZER3R3M11 VISHAY-IHLP1212BZER3R3M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 16-Jul-13
IHLP6767GZER220M11 VISHAY-IHLP6767GZER220M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 30-Aug-10
IHLP5050CEER3R3M01 VISHAY-IHLP5050CEER3R3M01 Datasheet
140Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 24-Feb-11
IHLP2020CZER2R2M01 VISHAY-IHLP2020CZER2R2M01 Datasheet
118Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 08-Mar-11
IHLP5050EZER3R3M01 VISHAY-IHLP5050EZER3R3M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 20-Oct-11
IHLP2525BDERR33M01 VISHAY-IHLP2525BDERR33M01 Datasheet
108Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Feb-11
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
IHLP1212BZER1R5M11 VISHAY-IHLP1212BZER1R5M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 19-May-14
IHLP5050FDER1R0M01 VISHAY-IHLP5050FDER1R0M01 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 19-Dec-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com