Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11L1SR2M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # H11L1SR2M
Description  6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11L1SR2M Datasheet(HTML) 7 Page - Fairchild Semiconductor

  H11L1SR2M Datasheet HTML 1Page - Fairchild Semiconductor H11L1SR2M Datasheet HTML 2Page - Fairchild Semiconductor H11L1SR2M Datasheet HTML 3Page - Fairchild Semiconductor H11L1SR2M Datasheet HTML 4Page - Fairchild Semiconductor H11L1SR2M Datasheet HTML 5Page - Fairchild Semiconductor H11L1SR2M Datasheet HTML 6Page - Fairchild Semiconductor H11L1SR2M Datasheet HTML 7Page - Fairchild Semiconductor H11L1SR2M Datasheet HTML 8Page - Fairchild Semiconductor H11L1SR2M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3/24/03
Page 7 of 9
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP
OPTOISOLATORS LOGIC OUTPUT
H11L1M
H11L2M
H11L3M
ORDERING INFORMATION
MARKING INFORMATION
Option/Order Entry Identifier
Description
S
Surface Mount Lead Bend
SR2
Surface Mount; Tape and reel
T
0.4" Lead Spacing
V
VDE 0884
TV
VDE 0884, 0.4" Lead Spacing
SV
VDE 0884, Surface Mount
SR2V
VDE 0884, Surface Mount, Tape & Reel
H11L1
V
X YY Q
1
2
6
4
3
5
*Note – ‘V’ option parts marked with date code ‘325’ or earlier are marked in portrait format.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘3’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Similar Part No. - H11L1SR2M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
H11L1SR2M ONSEMI-H11L1SR2M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
More results

Similar Description - H11L1SR2M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com