Electronic Components Datasheet Search |
|
F177233320 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
F177233320 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 12 page Document Number: 28161 For technical questions, contact: RFI@vishay.com www.vishay.com Revision: 13-Jan-12 347 F1772-2 310 V-X2 Interference Suppression Film Capacitors MKT Radial Potted Type Vishay BCcomponents This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 MOUNTING Normal Use The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers are designed for mounting in printed-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to “Packaging Information”. Specific Method of Mounting to Withstand Vibration and Shock In order to withstand vibration and shock tests, it must be ensured that stand-off pips are in good contact with the printed-circuit board: For pitches 15 mm capacitors shall be mechanically fixed by the leads For larger pitches the capacitors shall be mounted in the same way and the body clamped Space Requirements on Printed Circuit Board The maximum space for length (Imax.), width (wmax.) and height (hmax.) of film capacitors to take in account on the printed circuit board is shown in the drawings. For products with pitch 15 mm, w = l = 0.3 mm; h = 0.1 mm For products with 15 mm < pitch 27.5 mm, w = l = 0.5 mm; h = 0.1 mm For products with pitch = 37.5 mm, w = l = 0.7 mm; h = 0.5 mm Eccentricity defined as in drawing. The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned. SOLDERING CONDITIONS For general soldering conditions and wave soldering profile, we refer to the application note: “Soldering Guidelines for Film Capacitors”: www.vishay.com/doc?28171 Storage Temperature Storage temperature: T stg = - 25 °C to + 40 °C with RH maximum 80 % without condensation Ratings and Characteristics Reference Conditions Unless otherwise specified, all electrical values apply to an ambient temperature of 23 °C ± 1 °C, an atmospheric pressure of 86 kPa to 106 kPa and a relative humidity of 50 % ± 2 %. For reference testing, a conditioning period shall be applied over 96 h ± 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %. CBA116 Eccentricity w max. = w + Δw h max. = h + Δh I max. = I + ΔI Seating plane |
Similar Part No. - F177233320 |
|
Similar Description - F177233320 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |