Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F177234722 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # F177234722
Description  Interference Suppression Film Capacitors MKT Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F177234722 Datasheet(HTML) 2 Page - Vishay Siliconix

  F177234722 Datasheet HTML 1Page - Vishay Siliconix F177234722 Datasheet HTML 2Page - Vishay Siliconix F177234722 Datasheet HTML 3Page - Vishay Siliconix F177234722 Datasheet HTML 4Page - Vishay Siliconix F177234722 Datasheet HTML 5Page - Vishay Siliconix F177234722 Datasheet HTML 6Page - Vishay Siliconix F177234722 Datasheet HTML 7Page - Vishay Siliconix F177234722 Datasheet HTML 8Page - Vishay Siliconix F177234722 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
F1772-2 310 V-X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28161
344
Revision: 13-Jan-12
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Notes
• For detailed tape specifications refer to “Packaging Information” www.vishay.com/doc?28139
(1) Taped on reel pitch
 27.5 mm is not available
SPECIFIC REFERENCE DATA
Note
(1) See “Voltage Proof Test for Metalized Film Capacitors”: www.vishay.com/doc?28139
DESCRIPTION
VALUE
Rated AC voltage (URAC)
310 V
Permissible DC voltage (URDC)
630 V
Tangent of loss angle
 100 x 10-4 at 1 kHz
Rated voltage pulse slope at (dU/dt)R 435 VDC
100 V/µs
R between leads, for C
 0.33 µF at 100 V; 1 min
> 15 000 M
RC between leads, C > 0.33 µF at 100 V; 1 min
> 5000 s
R between leads and case; 100 V; 1 min
> 30 000 M
Withstanding (DC) voltage (cut off current 10 mA) (1); rise time
 1000 V/s
C
 0.47 µF
2200 V; for 1 min
C
 0.47 µF
2150 V; for 1 min
Withstanding (AC) voltage between leads and case
2120 V; 1 min
Maximum application temperature
110 °C
F
1772 X XX
X X X X
CAPACITANCE
(numerically)
Example:
468 = 680 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
TYPE
PACKAGING (Taped on reel) (1)
Code
Code details
Tolerance
2290
H: 16.5 mm
± 20 %
2291
H: 18.5 mm
± 20 %
2960
H: 16.5 mm
± 20 %
2261
H: 18.5 mm
± 20 %
2900
H: 16.5 mm
± 10 %
2901
H: 18.5 mm
± 10 %
2970
H: 16.5 mm
± 10 %
2971
H: 18.5 mm
± 10 %
PACKAGING (Loose)
Code
Code details
Tolerance
2004/2164
Lead length 4 - 1 mm
± 10 %
2000/2160
Lead length 6 - 1 mm
± 10 %
2015/2165
Lead length 15 - 1 mm
± 10 %
2030/2163
Lead length 30 + 5 mm
± 10 %
2204/2264
Lead length 4 - 1 mm
± 20 %
2200/2260
Lead length 6 - 1 mm
± 20 %
2215/2265
Lead length 15 - 1 mm
± 20 %
2230/2263
Lead length 30 + 5 mm
± 20 %


Similar Part No. - F177234722

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723472200 VISHAY-F17723472200 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Revision: 15-Apr-14
More results

Similar Description - F177234722

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com