Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H21B1 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # H21B1
Description  PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H21B1 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  H21B1 Datasheet HTML 1Page - Fairchild Semiconductor H21B1 Datasheet HTML 2Page - Fairchild Semiconductor H21B1 Datasheet HTML 3Page - Fairchild Semiconductor H21B1 Datasheet HTML 4Page - Fairchild Semiconductor H21B1 Datasheet HTML 5Page - Fairchild Semiconductor H21B1 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6/13/02
Page 5 of 6
© 2002 Fairchild Semiconductor Corporation
PHOTODARLINGTON
OPTICAL INTERRUPTER SWITCH
H21B1
H21B2
H21B3
Figure 4. Leakage Current vs. Temperature
DETECTOR
0.1
25
T A, AMBIENT TEMPERATURE (°C)
1
10
102
103
104
50
75
100
TA = 25 °C
VCE = 25 V
VCE = 25 V
NORMALIZED TO
VCE = 10 V
EMITTER
0.1
25
T A, AMBIENT TEMPERATURE (°C)
1
10
102
103
104
50
75
100
TA = 25 °C
VR = 5 V
NORMALIZED TO
Figure 5. Switching Speed vs. RL
0.1
1
.2
10
20
40
60 80 100
RL , LOAD RESISTANCE (Ω)
.4
.6
.8
2
4
200
400
600 800
750
75
1000 1500
IF
RL
+
VCC
PW = 300
µs
PRR = 100 pps
IF =
7.5
AMPS, VCC = 5V
RL
NORMALIZED TO
RL = 750 Ω
Figure 6. Output Current vs. Distance
.0001
.1
.01
024
6
8
10
d, DISTANCE (mm)
d, DISTANCE (mils)
.001
1.00
NORMALIZED
TO VALUE WITH
SHIELD
REMOVED
78.7
157.5
236.2
315
393.7
toff
ton
BLACK
SHIELD
BLACK
SHIELD
D
+
E
+
d
o
d
o


Similar Part No. - H21B1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H21B1 QT-H21B1 Datasheet
300Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
American Microsemicondu...
H21B1 AMMSEMI-H21B1 Datasheet
1Mb / 4P
   Technical Specifications
logo
Fairchild Semiconductor
H21B1_0088K FAIRCHILD-H21B1_0088K Datasheet
382Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results

Similar Description - H21B1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
QCK3 FAIRCHILD-QCK3 Datasheet
299Kb / 3P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
H21B4 FAIRCHILD-H21B4 Datasheet
373Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
H22B4 FAIRCHILD-H22B4 Datasheet
366Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
H21B1_0088K FAIRCHILD-H21B1_0088K Datasheet
382Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QCK5 FAIRCHILD-QCK5 Datasheet
274Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H21A1 FAIRCHILD-H21A1 Datasheet
104Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB_04 Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com