Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-540K Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-540K
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-540K Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-540K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 9. Typical enable propagation delay vs. ambient temperature.
(single channel product only)
Figure 11. Test diagram for common mode transient immunity and typical
waveforms
Figure 10. Propagation delay skew, tPSK, waveform
Figure 12. Operating circuit for burn-in and steady state life tests
VFF
GND
VCC
VCM
+–
PULSE GEN.
B
D.U.T.
IF
OUTPUT VO
MONITORING
NODE
VCC = 5.0 V
+ CL
15 pF
+
A
0.1 µF*
GND
VCC
D.U.T.*
* FOR SINGLE CHANNEL UNITS,
GROUND ENABLE PIN.
CONDITIONS: IF = 10 mA
VCC = 5.25 V
VIN
+–
IF
IO = 25 mA
0.01
μF
TA = +125 °C
2.1 V
100 W TYP.
IO
100 W
ICC
VDC = 3.0 V


Similar Part No. - HCPL-540K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-540K HP-HCPL-540K Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

Similar Description - HCPL-540K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com