Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5400 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5400
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5400 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5400 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5400 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5400 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5400 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5400 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5400 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5400 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5400 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5400 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Selection Guide–Package Styles and Lead Configuration Options
Package
8 Pin DIP
8 Pin DIP
20 Pad LCCC
Lead Style
Through Hole
Through Hole
Surface Mount
Channels
1
2
2
Common Channel Wiring
None
VCC, GND
None
Avago Part # & Options
Commercial
HCPL-5400
HCPL-5430
HCPL-6430
MIL-PRF-38534, Class H
HCPL-5401
HCPL-5431
HCPL-6431
MIL-PRF-38534, Class K
HCPL-540K
HCPL-543K
HCPL-643K
Standard Lead Finish
Gold Plate
Gold Plate
Solder Pads*
Solder Dipped*
Option 200
Option 200
Butt Cut/Gold Plate
Option 100
Option 100
Gull Wing/Soldered*
Option 300
Option 300
Class H SMD Part #
Prescript for all below
5962-
5962-
5962-
Gold Plate
8957001PC
8957101PC
Solder Dipped*
8957001PA
8957101PA
89571022A
Butt Cut/Gold Plate
8957001YC
8957101YC
Butt Cut/Soldered*
8957001YA
8957101YA
Gull Wing/Soldered*
8957001XA
8957101XA
Class K SMD Part #
Prescript for all below
5962-
5962-
5962-
Gold Plate
8957002KPC
8957103KPC
Solder Dipped*
8957002KPA
8957103KPA
8957104K2A
Butt Cut/Gold Plate
8957002KYC
8957103KYC
Butt Cut/Soldered*
8957002KYA
8957103KYA
Gull Wing/Soldered*
8957002KXA
8957103KXA
*Solder contains lead.
Each channel contains an AlGaAs light emitting diode
which is optically coupled to an integrated high gain
photon detector. This combination results in very high
data rate capability. The detector has a threshold with
hysteresis, which typically provides 0.25 mA of differen-
tial mode noise immunity and minimizes the potential for
output signal chatter. The detector in the single channel
units has a three state output stage which eliminates the
need for a pull-up resistor and allows for direct drive of a
data bus.
All units are compatible with TTL, STTL, LSTTL, and HCMOS
logic families. The 35 ns pulse width distortion speci-
fication guarantees a 10 MBd signaling rate at +125° C
with 35% pulse width distortion. Figures 13 through 16
show recommended circuits for reducing pulse width
distortion and optimizing the signal rate of the product.
Package styles for these parts are 8 pin DIP through hole
(case outlines P), and leadless ceramic chip carrier (case
outline 2). Devices may be purchased with a variety of
lead bend and plating options. See Selection Guide Table
for details. Standard Microcircuit Drawing (SMD) parts are
available for each package and lead style.
Because the same electrical die (emitters and detectors)
are used for each channel of each device listed in this
data sheet, absolute maximum ratings, recommended
operating conditions, electrical specifications, and per-
formance characteristics shown in the figures are similar
for all parts. Occasional exceptions exist due to package
variations and limitations and are as noted. Additionally,
the same package assembly processes and materials are
used in all devices. These similarities give justification for
the use of data obtained from one part to represent other
part’s performance for die related reliability and certain
limited radiation test results.


Similar Part No. - HCPL-5400

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5400 HP-HCPL-5400 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

Similar Description - HCPL-5400

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com