Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSSR-7110 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSSR-7110
Description  90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSSR-7110 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSSR-7110 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 10. Switching Test Circuit for tON, tOFF.
50%
10%
50%
90%
tON
tOFF
P.W. = 15 ms
V O
IF
PULSE GEN.
Z O = 50
tf = tr = 5 ns
R L
GND
(C L INCLUDES PROBE AND
FIXTURE CAPACITANCE)
V DD
C L = 25 pF
IF
MONITOR
R (MONITOR)
200
GND
MONITOR NODE
V O
HSSR-7110
2
3
4
1
6
7
5
8
-
IF
V F
+
Figure 11. Typical Turn On Time vs. Temperature.
Figure 12. Typical Turn On Time vs. Input Current.
Figure 13. Typical Turn On Time vs. Voltage.
Figure 14. Typical Turn Off Time vs. Temperature.
Figure 15. Typical Turn Off Time vs. Input Cur-
rent.
Figure 16. Typical Output Off Capacitance vs.
Output Voltage.
T A - TEMPERATURE - ˚C
0.8
2.2
2.0
1.8
1.6
1.4
1.2
1.0
2.4
2.6
-55
125
95
65
5
-25
35
CONNECTION A
IF = 10 mA
V DD = 28 V
IO = 800 mA
IF - INPUT CURRENT - mA
10
15
20
5
0.2
2.2
1.8
1.4
1.0
0.6
2.6
3.0
CONNECTION A
V DD = 28 V
IO = 800 mA
T A = 25˚C
V DD - VOLTAGE - V
10
30
20
0
0
1.0
0.8
0.6
0.4
0.2
1.2
1.4
90
80
70
60
50
40
2.0
1.8
1.6
CONNECTION - A
IF = 10 mA
IO = 800 mA
T A = 25˚C
T A-TEMPERATURE - ˚C
13.2
14.6
14.4
14.2
14.0
13.8
13.6
13.4
14.8
15.0
-55
125
95
65
5
-25
35
CONNECTION A
IF = 10 mA
V DD = 28 V
IO = 800 mA
5
40
35
30
25
20
15
10
45
IF - INPUT CURRENT - mA
10
15
20
5
CONNECTION A
V DD = 28 V
IO = 800 mA
T A = 25˚C
V O(OFF) - OUTPUT VOLTAGE - V
51 5
10
0
120
320
280
240
200
160
360
400
30
25
20
440
CONNECTION A
f = 1 MHz
T A = 25˚C


Similar Part No. - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-7110 HP-HSSR-7110 Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com