Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF8282ATC100-4 Datasheet(PDF) 7 Page - Altera Corporation

Part # EPF8282ATC100-4
Description  Programmable Logic Device Family
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282ATC100-4 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EPF8282ATC100-4 Datasheet HTML 3Page - Altera Corporation EPF8282ATC100-4 Datasheet HTML 4Page - Altera Corporation EPF8282ATC100-4 Datasheet HTML 5Page - Altera Corporation EPF8282ATC100-4 Datasheet HTML 6Page - Altera Corporation EPF8282ATC100-4 Datasheet HTML 7Page - Altera Corporation EPF8282ATC100-4 Datasheet HTML 8Page - Altera Corporation EPF8282ATC100-4 Datasheet HTML 9Page - Altera Corporation EPF8282ATC100-4 Datasheet HTML 10Page - Altera Corporation EPF8282ATC100-4 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Altera Corporation
7
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Each LAB provides four control signals that can be used in all eight LEs.
Two of these signals can be used as clocks, and the other two for
clear/preset control. The LAB control signals can be driven directly from
a dedicated input pin, an I/O pin, or any internal signal via the LAB local
interconnect. The dedicated inputs are typically used for global clock,
clear, or preset signals because they provide synchronous control with
very low skew across the device. FLEX 8000 devices support up to four
individual global clock, clear, or preset control signals. If logic is required
on a control signal, it can be generated in one or more LEs in any LAB and
driven into the local interconnect of the target LAB.
Logic Element
The logic element (LE) is the smallest unit of logic in the FLEX 8000
architecture, with a compact size that provides efficient logic utilization.
Each LE contains a 4-input LUT, a programmable flipflop, a carry chain,
and cascade chain. Figure 3 shows a block diagram of an LE.
Figure 3. FLEX 8000 LE
The LUT is a function generator that can quickly compute any function of
four variables. The programmable flipflop in the LE can be configured for
D, T, JK, or SR operation. The clock, clear, and preset control signals on the
flipflop can be driven by dedicated input pins, general-purpose I/O pins,
or any internal logic. For purely combinatorial functions, the flipflop is
bypassed and the output of the LUT goes directly to the output of the LE.
LABCTRL3
LABCTRL4
DATA1
DATA2
DATA3
DATA4
LABCTRL1
LABCTRL2
Carry-In
LE-Out
Clock
Select
Carry-Out
PRN
CLRN
DQ
DFF
Look-Up
Table
(LUT)
Clear/
Preset
Logic
Carry
Chain
Cascade
Chain
Cascade-In
Cascade-Out


Similar Part No. - EPF8282ATC100-4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF8282ATC100-3 ALTERA-EPF8282ATC100-3 Datasheet
962Kb / 62P
   Programmable Logic Device Family
More results

Similar Description - EPF8282ATC100-4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com