Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD40106BC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # CD40106BC
Description  Hex Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD40106BC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CD40106BC Datasheet HTML 1Page - Fairchild Semiconductor CD40106BC Datasheet HTML 2Page - Fairchild Semiconductor CD40106BC Datasheet HTML 3Page - Fairchild Semiconductor CD40106BC Datasheet HTML 4Page - Fairchild Semiconductor CD40106BC Datasheet HTML 5Page - Fairchild Semiconductor CD40106BC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, tr and tf = 20 ns, unless otherwise specified
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: CPD determines the no load ac power consumption of any CMOS device. For complete explanation see 74C Family Characteristics Application Note,
AN-90.
Switching Time Waveforms
tr = tf = 20 ns
Typical Applications
Low Power Oscillator
Note: The equations assume
t1 + t2 >> tPHL + tPLH
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL or tPLH
Propagation Delay Time from
VDD = 5V
220
400
ns
Input to Output
VDD = 10V
80
200
VDD = 15V
70
160
tTHL or tTLH
Transition Time
VDD = 5V
100
200
ns
VDD = 10V
50
100
VDD = 15V
40
80
CIN
Average Input Capacitance
Any Input
5
7.5
pF
CPD
Power Dissipation Capacity
Any Gate (Note 5)
14
pF


Similar Part No. - CD40106BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC Datasheet
66Kb / 6P
   Hex Schmitt Trigger
CD40106BC FAIRCHILD-CD40106BC Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
National Semiconductor ...
CD40106BCJ NSC-CD40106BCJ Datasheet
134Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BCM FAIRCHILD-CD40106BCM Datasheet
66Kb / 6P
   Hex Schmitt Trigger
CD40106BCM FAIRCHILD-CD40106BCM Datasheet
71Kb / 6P
   Hex Schmitt Trigger
More results

Similar Description - CD40106BC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com