Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N38 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 4N38
Description  HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N38 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  4N38 Datasheet HTML 1Page - Fairchild Semiconductor 4N38 Datasheet HTML 2Page - Fairchild Semiconductor 4N38 Datasheet HTML 3Page - Fairchild Semiconductor 4N38 Datasheet HTML 4Page - Fairchild Semiconductor 4N38 Datasheet HTML 5Page - Fairchild Semiconductor 4N38 Datasheet HTML 6Page - Fairchild Semiconductor 4N38 Datasheet HTML 7Page - Fairchild Semiconductor 4N38 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Symbol
Value
Units
TOTAL DEVICE
TSTG
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
PD
260
mW
Derate above 25°C
3.5
mW/°C
EMITTER
IF
80
mA
*Forward DC Current
*Reverse Input Voltage
VR
6.0
V
*Forward Current - Peak (1µs pulse, 300pps)
IF(pk)
3.0
A
*LED Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
1.41
mW/°C
FEATURES
• High Voltage
- H11D1, H11D2, BVCER = 300 V
- H11D3, H11D4, BVCER = 200 V
• High isolation voltage
- 5300 VAC RMS - 1 minute
- 7500 VAC PEAK - 1 minute
• Underwriters Laboratory (UL) recognized File# E90700
DESCRIPTION
The H11DX and 4N38 are phototransistor-type optically coupled optoisolators. An infrared emitting
diode manufactured from specially grown gallium arsenide is selectively coupled with a high voltage
NPN silicon phototransistor. The device is supplied in a standard plastic six-pin dual-in-line package.
8/9/00
200046A
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 BASE
N/C
HIGH VOLTAGE
PHOTOTRANSISTOR OPTOCOUPLERS
H11D1
H11D2
H11D3
H11D4
4N38
APPLICATIONS
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs
• Appliance sensor systems
• Industrial controls
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - 4N38

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N38 MOTOROLA-4N38 Datasheet
293Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N38 VISHAY-4N38 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
logo
Toshiba Semiconductor
4N38 TOSHIBA-4N38 Datasheet
307Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
Infineon Technologies A...
4N38 INFINEON-4N38 Datasheet
408Kb / 6P
   Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
logo
Everlight Electronics C...
4N38 EVERLIGHT-4N38 Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - 4N38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2M FAIRCHILD-H11D1SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1M FAIRCHILD-H11D1M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2VM FAIRCHILD-H11D1SR2VM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com