Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD86326 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD86326
Description  N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86326 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD86326 Datasheet HTML 1Page - Fairchild Semiconductor FDD86326 Datasheet HTML 2Page - Fairchild Semiconductor FDD86326 Datasheet HTML 3Page - Fairchild Semiconductor FDD86326 Datasheet HTML 4Page - Fairchild Semiconductor FDD86326 Datasheet HTML 5Page - Fairchild Semiconductor FDD86326 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2010 Fairchild Semiconductor Corporation
FDD86326 Rev.C2
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250 PA, VGS = 0 V
80
V
'BVDSS
'TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 PA, referenced to 25 °C
67
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64 V, VGS = 0 V
1
PA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 PA
2
3.1
4
V
'VGS(th)
'TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 PA, referenced to 25 °C
-8.5
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 8 A
19
23
m
:
VGS = 6 V, ID = 4.6 A
26
37
VGS = 10 V, ID = 8 A, TJ = 125 °C
33
44
gFS
Forward Transconductance
VDS = 10 V, ID = 8 A
21
S
(Note 2)
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 50 V, VGS = 0 V,
f = 1 MHz
780
1035
pF
Coss
Output Capacitance
180
240
pF
Crss
Reverse Transfer Capacitance
15
25
pF
Rg
Gate Resistance
0.4
:
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 8 A,
VGS = 10 V, RGEN = 6 :
7.6
15
ns
tr
Rise Time
3.0
10
ns
td(off)
Turn-Off Delay Time
13.4
24
ns
tf
Fall Time
2.9
10
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 50 V,
ID = 8 A
13.4
19
nC
Qg
Total Gate Charge
VGS = 0 V to 5 V
7.6
11
nC
Qgs
Gate to Source Gate Charge
4.0
nC
Qgd
Gate to Drain “Miller” Charge
3.7
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 8 A
(Note 2)
0.8
1.3
V
VGS = 0 V, IS = 2.6 A
(Note 2)
0.7
1.2
trr
Reverse Recovery Time
IF = 8 A, di/dt = 100 A/Ps
43
68
ns
Qrr
Reverse Recovery Charge
43
68
nC
Notes:
1. RTJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RTJC is guaranteed by design while RTJA is determined by the user’s board design.
2. Pulse Test: Pulse Width < 300
Ps, Duty cycle < 2.0%.
3. Starting TJ = 25°C, L = 3 mH, IAS = 9 A, VDD = 80 V, VGS = 10 V.
a. 40 °C/W when mounted on a
1 in2 pad of 2 oz copper.
b. 96 °C/W when mounted on a
minimum pad of 2 oz copper.


Similar Part No. - FDD86326

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD86326 ISC-FDD86326 Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com