Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC3510 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # GBPC3510
Description  Bridge Rectifiers (Glass Passivated)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GBPC3510 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  GBPC3510 Datasheet HTML 1Page - Fairchild Semiconductor GBPC3510 Datasheet HTML 2Page - Fairchild Semiconductor GBPC3510 Datasheet HTML 3Page - Fairchild Semiconductor GBPC3510 Datasheet HTML 4Page - Fairchild Semiconductor GBPC3510 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
GBPC 12, 15, 25, 35 SERIES Rev. 1.3.1
3
Typical Performance Characteristics
Figure 1. Forward Current Derating Curve
Figure 2. Non-Repetitive Surge Current
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs. Reverse Voltage
Ambient Temperature [ºC]
0
25
50
75
100
125
150
175
0
10
20
30
40
GBPC12
GBPC15
GBPC25
GBPC35
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
LENGTHS
Case
12
5
10
20
50
100
20
50
100
200
400
Number of Cycles at 60Hz
GBPC12-GBPC25
GBPC35
12
5
10
20
50
100
20
50
100
200
400
Number of Cycles at 60Hz
GBPC12-GBPC25
GBPC35
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0.1
1
10
100
200
Forward Voltage, VF [V]
Pulse Width = 300μ
μμμs
2% Duty Cycle
T = 25 C
º
A
GBPC12-GBPC15
GBPC25
GBPC35
Fi
3 F
d V l
Ch
i i
0
20
40
60
80
100
120
140
0.1
1
10
100
Percent of Rated Peak Reverse Voltage [%]
T = 25 C
º
A
T = 125 C
º
A
Fi
4 R
C
R
V l
Percent of Rated Peak Reverse Voltage (per leg) [%]


Similar Part No. - GBPC3510

ManufacturerPart #DatasheetDescription
logo
Surge Components
GBPC3510 SURGE-GBPC3510 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
GBPC3510 RFE-GBPC3510 Datasheet
988Kb / 3P
   Bridge Rectifiers
12-28-2022
logo
Gulf Semiconductor
GBPC3510 GULFSEMI-GBPC3510 Datasheet
124Kb / 3P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:35.0A
logo
Microdiode Electronics ...
GBPC3510 CHENDA-GBPC3510 Datasheet
583Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
GBPC3510 SSE-GBPC3510 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBPC3510

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com