Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC86160 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMC86160
Description  N-Channel Power Trench MOSFET 100 V, 43 A, 14 m Ohm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC86160 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMC86160 Datasheet HTML 1Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 2Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 3Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 4Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 5Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 6Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
©2013 Fairchild Semiconductor Corporation
FDMC86160 Rev. C1
Dimensional Outline and Pad Layout
 


Similar Part No. - FDMC86160

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
FDMC86160 LEIDITECH-FDMC86160 Datasheet
1Mb / 6P
   Enhancement Mode Field Effect Transistor N-Channel
Rev 2.0 : 12.01.2019
More results

Similar Description - FDMC86160

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
   MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
NVMFS016N10MCL ONSEMI-NVMFS016N10MCL Datasheet
152Kb / 8P
   MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A
September, 2021-Rev. 1
NVMFS6H852N ONSEMI-NVMFS6H852N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel 80 V, 14.2 m, 43 A
June, 2020 ??Rev. 2
NTMFS6H852N ONSEMI-NTMFS6H852N Datasheet
187Kb / 7P
   MOSFET - Power, Single N-Channel 80 V, 14.2 m, 43 A
June,2020-Rev. 2
NVTYS010N04CL ONSEMI-NVTYS010N04CL Datasheet
332Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 9.5 m, 43 A
April, 2021 ??Rev. 1
HUF75645P3 ONSEMI-HUF75645P3 Datasheet
465Kb / 11P
   N-Channel UltraFET Power MOSFET 100 V, 75 A, 14 m廓
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC86116LZ FAIRCHILD-FDMC86116LZ Datasheet
347Kb / 7P
   N-Channel Power Trench MOSFET 100 V, 7.5 A, 103 m廓
FDD850N10L FAIRCHILD-FDD850N10L Datasheet
316Kb / 8P
   N-Channel PowerTrench MOSFET 100 V, 15.7 A, 75 m Ohm
FDT86106LZ FAIRCHILD-FDT86106LZ Datasheet
360Kb / 6P
   N-Channel PowerTrench MOSFET 100 V, 3.2 A, 108 m Ohm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com