Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-57E0LZ-YYY Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-57E0LZ-YYY
Description  Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-57E0LZ-YYY Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-57E0LZ-YYY Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-57E0LZ-YYY Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-57E0LZ-YYY Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-57E0LZ-YYY Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-57E0LZ-YYY Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-57E0LZ-YYY Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-57E0LZ-YYY Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-57E0LZ-YYY Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-57E0LZ-YYY Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Table 2. Pin Description
Pin
Name
Function/Description
MSA Notes
1VEET
Transmitter Ground
2NC
NC
1
3
Tx Disable
Transmitter Disable- Module disables on high or open
4
MOD-DEF2
Module Definition 2 - Two Wire Serial ID Interface
2
5
MOD-DEF1
Module Definition 1 - Two Wire Serial ID Interface
2
6
MOD-DEF0
Module Definition 0 - grounded in module
2
7NC
NC
8
LOS
Loss of Signal - high indicates loss of signal
3
9VEER
Receiver Ground
10
VEER
Receiver Ground
11
VEER
Receiver Ground
12
RD-
Inverse Received Data Out
4
13
RD+
Received Data Out
4
14
VEER
Receiver Ground
15
VCCR
Receiver Power -3.3 V ± 10%
5
16
VCCT
Transmitter Power -3.3 V ± 10%
5
17
VEET
Transmitter Ground
18
TD+
Transmitter Data In
6
19
TD-
Inverse Transmitter Data In
6
20
VEET
Transmitter Ground
Notes:
1.
Pin 2 connected to internal ground.
2.
Mod-Def 0, 1, 2. are the module definition pins. They should be pulled up with a 4.7 K - 10 K
: resistor on the host board to a supply less than
VCCT +0.3 V or VCCR +0.3 V.
Mod-Def 0 is grounded by the module to indicate that the module is present.
Mod-Def 1 is clock line of two wire serial interface for optional serial ID.
Mod-Def 2 is data line of two wire serial interface for optional serial ID.
3.
LOS (Loss of Signal) is an open collector/drain output which should be pulled up externally with a 4.7 - 10 K
: resistor on the host board to a
supply < VCCT, R +0.3 V. When high, this output indicates the received optical power is below the worst case receiver sensitivity (as defined
by the standard in use). Low indicates normal operation. In the low state, the output will be pulled to <0.8 V.
4.
RD-/+: These are the differential receiver outputs. They are ac coupled 100
: differential lines which should be terminated with 100 : dif-
ferential at the SERDES. The ac coupling is done inside the module and is thus not required on the host board. The voltage swing on these
lines will be between 400 and 2000 mV differential (200 - 1000 mV single ended) when properly terminated.
5.
VCCR and VCCT are the receiver and transmitter power supplies. They are defined as 2.97 - 3.63 V at the SFP connector pin. The maximum
supply current is 230 mA and the associated in-rush current will typically be no more than 30 mA above steady state after 500 nanoseconds.
6.
TD-/+: These are the differential transmitter inputs. They are ac coupled differential lines with 100
: differential termination inside the module.
The ac coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of 400 - 2000
mV (200 - 1000 mV single ended), though it is recommended that values between 400 and 1200 mV differential (200 - 600 mV single ended)
be used for best EMI performance. These levels are compatible with CML and LVPECL voltage swings.


Similar Part No. - HFBR-57E0LZ-YYY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57E0APZ AVAGO-HFBR-57E0APZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
More results

Similar Description - HFBR-57E0LZ-YYY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57E0APZ AVAGO-HFBR-57E0APZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
logo
Broadcom Corporation.
HFBR-57E5APZ BOARDCOM-HFBR-57E5APZ Datasheet
569Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
logo
Broadcom Corporation.
AFBR-57E6APZC BOARDCOM-AFBR-57E6APZC Datasheet
787Kb / 21P
   Multimode Small Form Factor Pluggable Transceivers with LC Connector and Conformal Coating, DMI for FDDI and Fast Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
logo
Broadcom Corporation.
AFBR-59E4APZ-LH BOARDCOM-AFBR-59E4APZ-LH Datasheet
461Kb / 11P
   Multimode Small Form-Factor (SFF) Transceiver for Fast Ethernet, with LC Connector
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59E4APZ AVAGO-AFBR-59E4APZ Datasheet
313Kb / 10P
   Multimode Small Form Factor (SFF) Transceiver for Fast Ethernet with LC connector
HFBR-5764AP AVAGO-HFBR-5764AP Datasheet
266Kb / 14P
   Multimode Small Form Factor Pluggable Transceivers for 200 MBd SBCON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com