Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD817A3S Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FOD817A3S
Description  FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817A3S Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FOD817A3S Datasheet HTML 3Page - Fairchild Semiconductor FOD817A3S Datasheet HTML 4Page - Fairchild Semiconductor FOD817A3S Datasheet HTML 5Page - Fairchild Semiconductor FOD817A3S Datasheet HTML 6Page - Fairchild Semiconductor FOD817A3S Datasheet HTML 7Page - Fairchild Semiconductor FOD817A3S Datasheet HTML 8Page - Fairchild Semiconductor FOD817A3S Datasheet HTML 9Page - Fairchild Semiconductor FOD817A3S Datasheet HTML 10Page - Fairchild Semiconductor FOD817A3S Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
7
Typical Electrical/Optical Characteristics (Continued) (T
A = 25°C Unless otherwise specified.)
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
R
Output
Input
R
D
Output
L
Vcc
td
tr
tf
ts
90%
10%
Output
RD
L
R
Vcc
LOAD RESISTANCE RL (kΩ)
Fig. 13 Response Time
vs. Load Resistance
FREQUENCY f (kHz)
Fig. 14 Frequency Response
CE
V
= 2V
Ic= 2mA
Ta = 25°C
tr
tf
ts
td
R =10k
L
1k
100
VCE = 2V
Ic = 2mA
Ta = 25°C
-20
0.1
0.1
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
20
50
100
0.2
-10
0
15 2
0.5
1000
100
10
AMBIENT TEMPERATURE TA (°C)
Fig. 15 Collector Dark Current
vs. Ambient Temperature
-60 -40 -20
0
20 40 60 80 100 120
0.01
0.1
1
10
100
1000
10000
VCE = 20V


Similar Part No. - FOD817A3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817A3SD FAIRCHILD-FOD817A3SD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
More results

Similar Description - FOD817A3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817A3SD FAIRCHILD-FOD817A3SD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A300W FAIRCHILD-FOD817A300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817300W FAIRCHILD-FOD817300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com