Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP630 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP630
Description  200V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP630 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP630 Datasheet HTML 1Page - Fairchild Semiconductor FQP630 Datasheet HTML 2Page - Fairchild Semiconductor FQP630 Datasheet HTML 3Page - Fairchild Semiconductor FQP630 Datasheet HTML 4Page - Fairchild Semiconductor FQP630 Datasheet HTML 5Page - Fairchild Semiconductor FQP630 Datasheet HTML 6Page - Fairchild Semiconductor FQP630 Datasheet HTML 7Page - Fairchild Semiconductor FQP630 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
  

 
QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
        $ !
      % ! 
  

& '%())*+,) -Ω.*,/)*
& 0 1 /'2
& 01 342
&  
& /))5! 
& 6!!$ " 
  
    
   




*
 * 
())
*
6

1,(472
'%
1,/))72
4 8
%
6

9 
 
3:
%
*
; * 
±(4
*
<
 9 %! <
 
/:(
=
6
%! 
 
'%
<
+!%! <
 
8 >
=
!$
9?+ !!$
 
4 4
*$
9
91,(472
8>
@
"!(47
) :(
@$7
 
+
44A/4)
7

B  
/$> 4 
3))
7





+θ 
 + = 

/ :/
7@
+θ
 + ?
) 4

7@
 + = %"

:( 4
7@
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"










Similar Part No. - FQP630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results

Similar Description - FQP630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com