Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-4511 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-4511
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-4511 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-4511 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-4511 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-4511 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-4511 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-4511 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-4511 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-4511 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-4511 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-4511 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Notes:
1.Installationtemperatureistherangeoverwhichthecablecanbebentandpulledwithoutdamage.Below-20°Cthecablebecomesbrittle
andshouldnotbesubjectedtomechanicalstress.
2.ShortTermTensileForceisforlessthan30minutes.
3.ShortTermBendRadiusisforlessthan1hournonoperating.
4.90°bendon25mmradiusmandrel.Bendradiusistheradiusofthemandrelaroundwhichthecableisbent.
5.Typicaldataareat25°C.
6.Propagationdelayconstantisthereciprocalofthegroupvelocityforpropagationdelayofopticalpower.Groupvelocityisv=c/nwherecis
thevelocityoflightinfreespace(3xl08m/s)andnistheeffectivecoreindexofrefraction.
7.NotethatαRrisesattherateofabout0.0067dB/°C,wherethethermalrisereferstotheLEDtemperaturechangesabove25°C.Pleasereferto
Figure1whichshowsthetypicalplasticopticalfiberattenuationversuswavelengthat25°C.
Mechanical/Optical Characteristics, TA=-40to+85°Cunlessotherwisespecified.
Parameter
Symbol
Min.
Typ.[5]
Max.
Unit
Condition
Cable
StandardCable,
αO
0.15
0.22
0.27
dB/m
SourceisHFBR-15XX
Attenuation
Type"R"
(660mmLED,0.5NA)
ExtraLowLoss,
0.15
0.19
0.23
=50meters
Type"E"
Reference
StandardCable,
αR
0.12
0.19
0.24
dB/m
Sourceis650nm,
Attenuation
Type"R"
0.5NAmonochrometer,
ExtraLowLoss,
0.12
0.16
0.19
=50meters
Type"E"
Note7,Figure1
NumericalAperture
NA
0.46
0.47
0.50
>2meters
Diameter,CoreandCladding
DC
0.94
1.00
1.06
mm
Diameter,Jacket
DJ
2.13
2.20
2.27
mm
SimplexCable
PropagationDelayConstant
l/v
5.0
ns/m
Note6
MassperUnitLength/Channel
5.3
g/m
WithoutConnectors
CableLeakageCurrent
IL
12
nA
50kV, =0.3meters
RefractiveIndex
Core
n
1.492
Cladding
1.417
Plastic Optical Fiber Specifications:HFBR-R/EXXYYY
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
StorageandOperatingTemperature
TS,O
-55
+85
°C
RecommendedOperatingTemperature
TO
-40
+85
°C
InstallationTemperature
TI
-20
+70
°C
1
ShortTermTensileSingleChannel
FT
50
N
2
DualChannel
FT
100
N
ShortTermBendRadius
r
25
mm
3,4
LongTermBendRadius
r
35
mm
LongTermTensileLoad
FT
1
N
Flexing
1000
Cycles
4
Force


Similar Part No. - HFBR-4511

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4511 HP-HFBR-4511 Datasheet
267Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4511 HP-HFBR-4511 Datasheet
272Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4511 AVAGO-HFBR-4511 Datasheet
229Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4511Z AVAGO-HFBR-4511Z Datasheet
160Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4511Z AVAGO-HFBR-4511Z Datasheet
141Kb / 3P
   Telecommunications switching systems
More results

Similar Description - HFBR-4511

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4501 AVAGO-HFBR-4501 Datasheet
229Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Agilent(Hewlett-Packard...
HFBR-45XX HP-HFBR-45XX Datasheet
267Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RUD500 AVAGO-HFBR-RUD500 Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-EUS100Z AVAGO-HFBR-EUS100Z Datasheet
233Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Agilent(Hewlett-Packard...
HFBR-RXXYYY HP-HFBR-RXXYYY Datasheet
272Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RUS100Z AVAGO-HFBR-RUS100Z Datasheet
137Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4521Z AVAGO-HFBR-4521Z Datasheet
229Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RXXYYYZ AVAGO-HFBR-RXXYYYZ Datasheet
160Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
AV02-1848EN AVAGO-AV02-1848EN Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Broadcom Corporation.
HFBR-RXXYYYZ BOARDCOM-HFBR-RXXYYYZ Datasheet
332Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com