Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-847-360E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-847-360E
Description  Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-847-360E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-847-360E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-360E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-360E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-360E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-360E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-360E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-360E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-360E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-360E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Ordering Information
ACPL-8x7 is UL Recognized with 5000 Vrms for 1 minute per UL1577 and is approved under CSA Component
Acceptance Notice #5, File CA 88324.
Part
number
RoHS Compliant Option
Package
No. of
Channels
Surface
Mount
Gull
Wing
Tape &
Reel
IEC/EN/
DIN EN
60747-5-2
Quantity
Rank ‘0’
50%
<CTR<
600%
Rank ‘B’
130%
<CTR<
260%
Rank ‘C’
200%
<CTR<
400%
Rank ‘G’
130%
<CTR<
400%
ACPL-827
-000E
-00BE
-00CE
300mil DIP-8
Dual
50 pcs per tube
-300E
-30BE
-30CE
300mil DIP-8
x
X
50 pcs per tube
-500E
-50BE
-50CE
300mil DIP-8
X
X
X
1000 pcs per reel
-060E
-06BE
-06CE
300mil DIP-8
X
50 pcs per tube
-360E
-36BE
-36CE
300mil DIP-8
x
X
X
50 pcs per tube
-560E
-56BE
-56CE
300mil DIP-8
x
X
X
X
1000 pcs per reel
-W00E
-W0BE
-W0CE
400mil DIP-8
50 pcs per tube
-W60E
-W6BE
-W6CE
400mil DIP-8
X
50 pcs per tube
ACPL-847
-000E
-00GE
300mil DIP-16
Quad
25 pcs per tube
-300E
-30GE
300mil DIP-16
X
X
25 pcs per tube
-060E
-06GE
300mil DIP-16
X
25 pcs per tube
-360E
-36GE
300mil DIP-16
X
X
X
25 pcs per tube
-W00E
-W0GE
400mil DIP-16
25 pcs per tube
-W60E
-W6GE
400mil DIP-16
X
25 pcs per tube
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-827-36GE to order product of 300mil DIP-8 Dual Channel DC Gull Wing Surface Mount package in Tube
packaging with 130%<CTR<400%, IEC/EN/DIN EN 60747-5-2 Safety Approval and RoHS compliant.
Example 2:
ACPL-847-W00E to order product of 400mil DIP-16 Quad Channel DC package in Tube packaging with
50%<CTR<600% and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.


Similar Part No. - ACPL-847-360E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-36GE AVAGO-ACPL-847-36GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-847-360E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-36GE AVAGO-ACPL-847-36GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-00GE AVAGO-ACPL-847-00GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-844-000E AVAGO-ACPL-844-000E Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-8X4 AVAGO-ACPL-8X4 Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
   MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com