Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-827-W60E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-827-W60E
Description  Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-827-W60E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-827-W60E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-827-W60E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-827-W60E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-827-W60E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-827-W60E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-827-W60E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-827-W60E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-827-W60E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-827-W60E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-30
100
°C
Average Forward Current
IF(AVG)
-
50
mA
Input Power Dissipation
PI
-
70
mW
Input Reverse Voltage
VR
-
6
V
Collector Current
IC
-
50
mA
Collector-Emitter Voltage
VCEO
-
70
V
Emitter-Collector Voltage
VECO
-
6
V
Isolation Voltage (AC for 1min, R.H. 40~60%)
VISO
-
5000
VRMS
Collector Power Dissipation
PC
-
150
mW
Total Power Dissipation
PTOT
-
200
mW
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Note
Forward Voltage
VF
-
1.2
1.4
V
IF = 20mA
Reverse Current
IR
-
-
10
mA
VR = 4V
Terminal Capacitance
Ct
30
250
pF
V = 0, f = 1KHz
Collector Dark Current
ICEO
-
100
nA
VCE = 20V, IF = 0 mA
Collector-Emitter
Breakdown Voltage
BVCEO
70
-
-
V
IC = 0.1 mA,
IF = 0 mA
Emitter-Collector
Breakdown Voltage
BVECO
6
-
-
V
IE = 10 mA,
IF = 0 mA
Collector Current
IC
2.5
-
30
mA
IF = 5 mA,
VCE = 5V
CTR=(IC/IF )* 100%
Current Transfer Ratio
CTR
50
-
600
%
Collector-Emitter
Saturation Voltage
VCE(sat)
-
0.1
0.2
V
IF = 20 mA,
IC = 1mA
Isolation Resistance
RISO
5x1010
1x1011
-
W
DC500V, R.H. 40~60%
Floating Capacitance
CF
-
0.6
1
pF
V = 0, f = 1MHz
Cut-off Frequency (-3dB)
FC
-
80
-
KHz
VCE = 5V, IC = 2 mA,
RL = 100W
See fig 13
Response Time (Rise)
tr
-
4
18
ms
VCE = 2V, IC = 2 mA,
RL = 100W
See fig 12
Response Time (Fall)
tf
-
3
18
ms


Similar Part No. - ACPL-827-W60E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-827 AVAGO-ACPL-827 Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-827 BOARDCOM-ACPL-827 Datasheet
800Kb / 12P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-827-W60E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-36GE AVAGO-ACPL-847-36GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-00GE AVAGO-ACPL-847-00GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-844-000E AVAGO-ACPL-844-000E Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-8X4 AVAGO-ACPL-8X4 Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
   MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com