Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1312TZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1312TZ
Description  1300 nm Fiber Optic Transmitter and Receiver RoHS-compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1312TZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1312TZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1312TZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1312TZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1312TZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1312TZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1312TZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1312TZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HFBR-1312TZ Transmitter Electrical/Optical Characteristics
0 to 70°C unless otherwise specified
Parameter
Symbol
Min.
Typ.[1]
Max.
Unit
Condition
Ref.
Forward Voltage
V
F
1.1
1.4
1.7
V
I
F = 75 mA
Fig. 3
1.5
I
F = 100 mA
Forward Voltage
∆V
F/∆T
-1.5
mV/°C
I
F = 75 - 100 mA
Temperature Coefficient
Reverse Input Voltage
V
R
1
4
V
I
R = 100 µA
Center Emission
λ
C
1270
1300
1370
nm
Wavelength
Full Width Half Maximum
FWHM
130
185
nm
Diode Capacitance
C
T
16
pF
V
F = 0 V, f = 1 MHz
Optical Power Temperature
∆P
T/∆T
-0.03
dB/°C
I
F = 75 - 100 mA DC
Coefficient
Thermal Resistance
Θ
JA
260
°C/W
Note 2
HFBR-1312TZ Transmitter Output Optical Power and Dynamic Characteristics
Condition
Parameter
Symbol
Min.
Typ.[1]
Max.
Unit
T
A
I
F, peak
Ref.
Peak Power
-16.0
-14.0
-12.5
dBm
25°C
75 mA
Notes
-17.5
-11.5
0-70°C
75 mA
-15.5
-13.5
-12.0
25°C
100 mA
-17.0
-11.0
0-70°C
100 mA
Peak Power
-19.5
-17.0
-14.5
dBm
25°C
75 mA
Notes
-21.0
-13.5
0-70°C
75 mA
-19.0
-16.5
-14.0
25°C
100 mA
-20.5
-13.0
0-70°C
100 mA
Optical Overshoot
OS
5
10
%
0-70°C
75 mA
Note 6
Fig. 5
Rise Time
t
r
1.8
4.0
ns
0-70°C
75 mA
Note 7
Fig. 5
Fall Time
t
f
2.2
4.0
ns
0-70°C
75 mA
Note 7
Fig. 5
3, 4, 5
3, 4, 5
Fig. 4
Fig. 4
62.5/125 µm
NA = 0.275
50/125 µm
NA = 0.20
P
T62
P
T50


Similar Part No. - HFBR-1312TZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1312T HP-HFBR-1312T Datasheet
182Kb / 8P
   1300 nm Fiber Optic Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1312T AVAGO-HFBR-1312T Datasheet
94Kb / 9P
   Low cost fi ber optic link
More results

Similar Description - HFBR-1312TZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1312T HP-HFBR-1312T Datasheet
182Kb / 8P
   1300 nm Fiber Optic Transmitter and Receiver
logo
Sharp Corporation
GP1F562T SHARP-GP1F562T Datasheet
24Kb / 2P
   Fiber Optic Transmitter/Receiver
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-1012 AVAGO-AFBR-1012 Datasheet
109Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-1013 AVAGO-AFBR-1013 Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-53D3EZ AVAGO-AFBR-53D3EZ Datasheet
228Kb / 16P
   RoHS Compliant 850 nm VCSEL 1x9 Fiber Optic Transceivers for Fibre Channel
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com