Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-8107 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-8107
Description  Surface Mount Microwave Schottky Mixer Diodes Low Capacitance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-8107 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-8107 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-8107 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-8107 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-8107 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-8107 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-8107 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Outline 143 (SOT-143)
Package Dimensions
Outline 23 (SOT-23)
Package Characteristics
Lead Material
Alloy 42
Lead Finish
Tin 100% (Lead‑free option)
Maximum Soldering Temperature
260°C for 5 seconds
Minimum Lead Strength
2 pounds pull
Typical Package Inductance
2 nH
Typical Package Capacitance
0.08 pF (opposite leads)
0.081
2.05
0.071
1.8
0.112
2.85
0.079
2
0.033
0.85
0.048
1.2
0.114
2.9
0.033
0.85
0.047
1.2
0.031
0.8
0.033
0.85
Dimensions in inches
mm
0.039
1
0.039
1
0.079
2.0
0.031
0.8
Dimensions in inches
mm
0.035
0.9
Recommended PCB Pad Layout for Avago’s SOT-23
Products
Recommended PCB Pad Layout for Avago’s SOT-143
Products
e
B
e2
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.000
0.30
0.08
2.73
1.15
0.89
1.78
0.45
2.10
0.45
MAX.
1.20
0.100
0.54
0.20
3.13
1.50
1.02
2.04
0.60
2.70
0.69
SYMBOL
A
A1
B
C
D
E1
e
e1
e2
E
L
e
B
e2
B1
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.013
0.36
0.76
0.086
2.80
1.20
0.89
1.78
0.45
2.10
0.45
MAX.
1.097
0.10
0.54
0.92
0.152
3.06
1.40
1.02
2.04
0.60
2.65
0.69
SYMBOL
A
A1
B
B1
C
D
E1
e
e1
e2
E
L


Similar Part No. - HSMS-8107

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-8101 HP-HSMS-8101 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8101-BLK HP-HSMS-8101-BLK Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101-TR1 HP-HSMS-8101-TR1 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101-TR2 HP-HSMS-8101-TR2 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
More results

Similar Description - HSMS-8107

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 AVAGO-HSMS-8101_15 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8207 BOARDCOM-HSMS-8207 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202 BOARDCOM-HSMS-8202 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8101 HP-HSMS-8101 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8209 BOARDCOM-HSMS-8209 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com