Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-8102 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-8102
Description  Surface Mount Microwave Schottky Mixer Diodes Low Capacitance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-8102 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-8102 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-8102 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-8102 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-8102 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-8102 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-8102 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HSMS-8101, 8202, 8207, 8209
Surface Mount Microwave Schottky Mixer Diodes
Data Sheet
Features
• Optimized for use at 10‑14 GHz
• Low Capacitance
• Low Conversion Loss
• Low RD
• Low Cost Surface Mount Plastic Package
• Lead‑free
Plastic SOT-23 Package
Description/Applications
These low cost microwave Schottky diodes are specifically
designed for use at X/Ku‑bands and are ideal for DBS and
VSAT downconverter applications. They are available in
SOT‑23 and SOT‑143 standard package configurations.
Note that Avago's manufacturing techniques assure that
dice found in pairs and quads are taken from adjacent
sites on the wafer, assuring the highest degree of
match.
Package Lead Code Identification
(Top View)
Absolute Maximum Ratings[1], T
A = +25°C
Symbol Parameter
Unit
Min.
Max.
P
T
Total Device Dissipation[2]
mW
75
P
IV
Peak Inverse Voltage
V
4
T
J
Junction Temperature
°C
+150
T
STG, Top
Storage and Operating
Temperature
°C
‑65
+150
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage to the device.
2. Measured in an infinite heat sink at T
CASE = 25°C. Derate linearly to
zero at 150°C per diode.
SERIES
#2
SINGLE
#1
1
2
3
RING
QUAD
#7
1
2
3
4
1
2
3
CROSS-OVER
QUAD
#9
1
2
3
4
Plastic SOT-143 Package
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 0)
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.


Similar Part No. - HSMS-8102

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-8101 HP-HSMS-8101 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8101-BLK HP-HSMS-8101-BLK Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101-TR1 HP-HSMS-8101-TR1 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101-TR2 HP-HSMS-8101-TR2 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
More results

Similar Description - HSMS-8102

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 AVAGO-HSMS-8101_15 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8207 BOARDCOM-HSMS-8207 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202 BOARDCOM-HSMS-8202 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8101 HP-HSMS-8101 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8209 BOARDCOM-HSMS-8209 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com