Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-P454-500E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P454-500E
Description  High CMR High Speed Optocoupler Surface Mountable in 6-pin stretched SO6
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P454-500E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P454-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Absolute Maximum Ratings
Storage Temperature
-55°C to +125°C
Operating Temperature
-55°C to +100°C
Average Input Current - IF
25 mA[1]
Peak Input Current - IF
50 mA[2] (50% duty cycle, 1 ms pulse width)
Peak Transient Input Current - IF
1.0 A (
d1 ms pulse width, 300 pps)
Reverse Input Voltage - VR (Pin3-1)
5 V
Input Power Dissipation
45 mW[3]
Average Output Current - IO (Pin 5)
8 mA
Peak Output Current
16 mA
Output Voltage - VO (Pin 5-4)
-0.5 V to 20 V
Supply Voltage - VCC (Pin 6-4)
-0.5 V to 30 V
Output Power Dissipation
100 mW[4]
Solder Reflow Temperature Profile
see Package Outline Drawings section
DC Electrical Specifications
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified.
Parameter
Symbol
Min
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Current
Transfer Ratio
CTR
25
32
60
%
TA = 25°C
VO = 0.4 V
IF = 16 mA
VCC = 4.5 V
1, 2,
4
5
21
34
VO = 0.5 V
Current
Transfer Ratio
CTR
26
35
65
%
TA = 25°C
VO = 0.4 V
IF = 12 mA
VCC = 4.5 V
5
22
37
VO = 0.5 V
Logic Low
Output Voltage
VOL
0.2
0.4
V
TA = 25°C
IO = 3.0 mA
IF = 16 mA
VCC = 4.5 V
1
0.2
0.5
IO = 2.4 mA
Logic High
Output Current
IOH
0.003
0.5
PA
TA = 25°C
VO = VCC= 5.5 V
IF = 0 mA
5
0.01
1
TA = 25°C
VO = VCC = 15.0 V
50
Logic Low
Supply Current
ICCL
50
200
PA
IF = 16 mA, VCC = 15 V
VO = open,
11
Logic High
Supply Current
ICCH
0.02
1
PA
TA = 25°C
IF = 16 mA, VO =
Open,
VCC = 15 V
11
0.02
2
Input Forward
Voltage
VF
1.5
1.7
V
TA = 25°C
IF = 16 mA
3
1.5
1.8
Input Reverse
Breakdown
Voltage
BVR
5V
IR = 10
PA
Temperature
Coefficient of For-
ward Voltage
'VF/'TA
-1.6
mV/°C
IF = 16 mA
Input
Capacitance
CIN
60
pF
f = 1 MHz, VF = 0
*All typicals at TA = 25°C.


Similar Part No. - ACPL-P454-500E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P454 BOARDCOM-ACPL-P454 Datasheet
279Kb / 13P
   High CMR High-Speed Optocoupler
ACPL-P454 BOARDCOM-ACPL-P454 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - ACPL-P454-500E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P454 BOARDCOM-ACPL-P454 Datasheet
279Kb / 13P
   High CMR High-Speed Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
FOD8343 ONSEMI-FOD8343_V01 Datasheet
348Kb / 17P
   4.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 2
logo
Skyworks Solutions Inc.
OLH5600 SKYWORKS-OLH5600 Datasheet
320Kb / 6P
   Hermetic High CMR/High-Speed Optocoupler
April 17, 2017
OLF500 SKYWORKS-OLF500 Datasheet
312Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Surface Mount Optocoupler
April 17, 2017
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
   Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
logo
Broadcom Corporation.
ACPL-W611 BOARDCOM-ACPL-W611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
CT Micro International ...
CT4504 CTMICRO-CT4504 Datasheet
1Mb / 14P
   High CMR, 1Mbit/s High Speed Optocoupler
logo
Broadcom Corporation.
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
Skyworks Solutions Inc.
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com