Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-W454 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W454
Description  High CMR High Speed Optocoupler Surface Mountable in 6-pin stretched SO6
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W454 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W454 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Switching Specifications
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation
Delay Time to
Logic Low at
Output
tPHL
0.2
0.3
Ps
TA = 25°C
Pulse: f = 20 kHz, Duty Cycle = 10%
IF = 16 mA, VCC = 5.0 V
RL = 1.9 k
:, CL = 15 pF
VTHHL = 1.5 V
6,8,9
9
0.2
0.5
0.2
0.5
0.7
TA = 25°C
Pulse: f = 10 kHz, Duty Cycle = 50%
IF = 12 mA, VCC = 15.0 V
RL = 20 k
:, CL = 100 pF
VTHHL = 1.5 V
6,
10-14
10
0.1
0.5
1.0
Propagation
Delay Time to
Logic High at
Output
tPLH
0.3
0.5
Ps
TA = 25°C
Pulse: f = 20 kHz, Duty Cycle = 10%
IF = 16 mA, VCC = 5.0 V
RL = 1.9 k
:, CL = 15 pF
VTHHL = 1.5 V
6,8,9
9
0.3
0.7
0.3
0.8
1.1
TA = 25°C
Pulse: f = 10 kHz, Duty Cycle = 50%
IF = 12 mA, VCC = 15.0 V
RL = 20 k
:, CL = 100 pF
VTHHL = 2.0 V
6,
10-14
10
0.2
0.8
1.4
Propagation
Delay Difference
Between Any 2
Parts
tPLH
- tPHL
-0.4
0.3
0.9
Ps
TA = 25°C
Pulse: f = 10 kHz, Duty Cycle = 50%
IF = 12 mA, VCC = 15.0 V
RL = 20 k
:, CL = 100 pF
VTHHL = 1.5 V VTHLH = 2.0V
6,
10-14
13
-0.7
0.3
1.3
Ps
Common Mode
Transient Immu-
nity at Logic High
Level Output
|CMH|15
30
kV/
Ps TA = 25°C
VCC = 5.0 V, RL = 1.9 k
:
CL = 15 pF, IF = 0 mA
VCM = 1500 VP-P
7
7,9
15
30
TA = 25°C
VCC = 15.0 V, RL = 20 k
:
CL = 100 pF, IF = 0 mA
VCM = 1500 VP-P
7
8,10
Common Mode
Transient Immu-
nity at Logic Low
Level Output
|CML|15
30
kV/
Ps TA = 25°C
VCC = 5.0 V, RL = 1.9 k
:
CL = 15 pF, IF = 16 mA
VCM = 1500 VP-P
7
7,9
15
30
TA = 25°C
VCC = 15.0 V, RL = 20 k
:
CL = 100 pF, IF = 12 mA
VCM = 1500 VP-P
7
8,10
15
30
TA = 25°C
VCC = 15.0 V, RL = 20 k
:
CL = 100 pF, IF = 16 mA
VCM = 1500 VP-P
7
8,10
*All typicals at TA = 25°C.


Similar Part No. - ACPL-W454

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W454 BOARDCOM-ACPL-W454 Datasheet
279Kb / 13P
   High CMR High-Speed Optocoupler
ACPL-W454 BOARDCOM-ACPL-W454 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - ACPL-W454

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P454 BOARDCOM-ACPL-P454 Datasheet
279Kb / 13P
   High CMR High-Speed Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
FOD8343 ONSEMI-FOD8343_V01 Datasheet
348Kb / 17P
   4.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 2
logo
Skyworks Solutions Inc.
OLH5600 SKYWORKS-OLH5600 Datasheet
320Kb / 6P
   Hermetic High CMR/High-Speed Optocoupler
April 17, 2017
OLF500 SKYWORKS-OLF500 Datasheet
312Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Surface Mount Optocoupler
April 17, 2017
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
   Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
logo
Broadcom Corporation.
ACPL-W611 BOARDCOM-ACPL-W611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
CT Micro International ...
CT4504 CTMICRO-CT4504 Datasheet
1Mb / 14P
   High CMR, 1Mbit/s High Speed Optocoupler
logo
Broadcom Corporation.
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
Skyworks Solutions Inc.
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com