Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-1611-301E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-1611-301E
Description  High Current, 1 Form A, Solid State Relay (MOSFET) (60V/2.5A/0.1)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-1611-301E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASSR-1611-301E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611-301E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611-301E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611-301E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611-301E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611-301E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611-301E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611-301E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611-301E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Solder Reflow Temperature Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The ASSR-1611 is approved by the following organizations:
UL
Approved under UL 1577, component recognition program up to VISO = 3750 VRMS and 5000 VRMS (option x21).
CSA
Approved under CSA Component Acceptance Notice #5.
Insulation and Safety Related Specifications
Parameter
Symbol
ASSR-1611
Units
Conditions
Minimum External Air Gap
(Clearance)
L(101)
7.1
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Tracking
(Creepage)
L(102)
7.4
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between the
emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group (DIN VDE0109)
IIIa
Material Group (DIN VDE 0109)


Similar Part No. - ASSR-1611-301E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
More results

Similar Description - ASSR-1611-301E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com