Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB4812YD-12W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRB4812YD-12W
Description  12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB4812YD-12W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRB4812YD-12W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB4812YD-12W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB4812YD-12W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----YD-
YD-
YD-
YD-
YD-
YD-
YD-
YD-12
12
12
12
12
12
12
12W
W
W
W
W
W
W
W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----YD
YD
YD
YD
YD
YD
YD
YD ----
----12
12
12
12
12
12
12
12W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
T
T
T
T
T
T
T
TECHNICAL
ECHNICAL
ECHNICAL
ECHNICAL
ECHNICAL
ECHNICAL
ECHNICAL
ECHNICAL SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION(All
(All
(All
(All
(All
(All
(All
(All specifications
specifications
specifications
specifications
specifications
specifications
specifications
specifications are
are
are
are
are
are
are
are typical
typical
typical
typical
typical
typical
typical
typical at
at
at
at
at
at
at
at nominal
nominal
nominal
nominal
nominal
nominal
nominal
nominal input,full
input,full
input,full
input,full
input,full
input,full
input,full
input,full load
load
load
load
load
load
load
load and
and
and
and
and
and
and
and 25
25
25
25
25
25
25
25
otherwise
otherwise
otherwise
otherwise
otherwise
otherwise
otherwise
otherwise noted)
noted)
noted)
noted)
noted)
noted)
noted)
noted)
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Output power
12Watts,max.
Voltage accuracy
±1.2%
Minimum load
0%
Line regulation
LL to HL at Full Load
Single
±0.2%
Dual
±0.5%
Load regulation
No Load to Full Load
Single(DIP)
±0.5%
Dual (DIP)
±1%
(2.5Vo only)
±1%
Cross regulation(Dual)
Asymmetrical load 25%/100% FL
±5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02%/℃,max.
Transient response recovery time 25% load step change
250
Over voltage protection
zener diode clamp(only
single)
2.5VDC output
3.3VDC output
5.1VDC output
12VDC output
15VDC output
3.9VDC
3.9VDC
6.2VDC
15VDC
18VDC
Over load protection
% of FL at nominal input
150%
Short circuit protection
Continuous,automatics recovery
Input
Input
Input
Input
Input
Input
Input
Input Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Input voltage range
12VDC nominal input
9-18VDC
24VDC nominal input
18-36VDC
48VDC nominal input
36-72VDC
Input filter
Pi type
Input surge voltage
12VDC input
36VDC 100mS,max
24VDC input
50VDC 100mS,max
48VDC input
100VDC 100mS,max
Input reflected ripple current
20mAp-p
Start up time
Nominal input and
power up
450mS
constant resistive load
Start-up voltage
12VDC input
9VDC
24VDC input
18VDC
48VDC input
36VDC
Shutdown voltage
12VDC input
8VDC
24VDC input
16VDC
48VDC input
33VDC
Remote ON/OFF4
DC-DC ON
Open or 3.0V<Vr<12V
(Positive logic)
DC-DC-OFF
Short or 0V<Vr<1.2V
Input current of remote control pin
Nominal input
-0.5mA ~ 0.5mA
Remote off state input current
Nominal input
2.5mA
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Efficiency
See table
Isolation voltage
Input to Output
1500VDC,min. 1minute
Isolation resistance
109 ohms,min.
Isolation capacitance
1200pF, max.
Switching frequency
400KHz ± 10%
Approvals and standard
IEC60950-1,UL60950-1,EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
18g(0.62oz)
MTBF1
MIL-HDBK-217F
7.575x105 hrs
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Operating ambient temperature
-40℃ ~ +85℃ (with derating)
Maximum case temperature
100℃
Storage temperature range
-55℃ ~ +105℃
Thermal impedance
Nature convection
20℃/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC
EMC
EMC
EMC
EMC
EMC
EMC
EMC Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
EMI5
EN55022
Class A
ESD
EN61000-4-2
Air ± 8KV
perf.Criteria A
Contact ± 6KV
Radiated immunity
EN61000-4-3
10V/m
perf.Criteria A
Fast transient6
EN61000-4-4
± 2KV
perf.Criteria A
Surge6
EN61000-4-5
± 1KV
perf.Criteria A
Conducted immunity
EN61000-4-5
10 Vr.m.s
perf.Criteria A
Recommended EMI Filter
Recommended Filter for EN55022 Class B Compliance
Recommended EMI Filter
Recommended EN55022 Class B Filter Circuit Layout


Similar Part No. - WRB4812YD-12W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB4812YD-20W MICRODC-WRB4812YD-20W Datasheet
1Mb / 3P
   20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
WRB4812YD-30W MICRODC-WRB4812YD-30W Datasheet
1Mb / 3P
   30W,WIDE INPUT, DIPPACKAGE,ISOLATED®ULATED SINGLEOUTPUTDC-DCCONVERTER
WRB4812YD-3W MICRODC-WRB4812YD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB4812YD-4W MICRODC-WRB4812YD-4W Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB4812YD-6W MICRODC-WRB4812YD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRB4812YD-12W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
12DPW GAPTEC-12DPW Datasheet
384Kb / 3P
   12W - Single/Dual Output - Wide Input - Isolated & Regulated
12DPW4 GAPTEC-12DPW4 Datasheet
383Kb / 3P
   12W - Single/Dual Output - Wide Input - Isolated & Regulated
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
Microdc power Technolog...
WRA-ZHD-3W MICRODC-WRA-ZHD-3W Datasheet
988Kb / 3P
   3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com