Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5CS-R1KJX-F Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5CS-R1KJX-F
Description  Temperature Controller E5CS--X
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-R1KJX-F Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E5CS-R1KJX-F Datasheet HTML 2Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 3Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 4Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 5Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 6Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 7Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 8Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 9Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Temperature Controller
E5CS--X
A--151
Precautions
The E5CS-X temperature controller has self-diagnostic functions that display the following error messages to simplify troubleshooting.
Message
Cause
Control output
fff
(1) Temperature has risen beyond temperature scale range
(2) Thermistor has been short-circuited
OFF during heating (reverse) operation
ON during cooling (normal) operation
---
(1) Temperature has fallen below temperature scale range
(2) Thermistor has broken
ON during heating (reverse) operation
OFF during cooling (normal) operation
fff (blinks)* (1) Failure has occurred in thermocouple or platinum RTD
(2) Temperature has risen much beyond scale range
OFF
--- (blinks)* (1) Failure has occurred in platinum RTD
(2) Polarities (positive and negative) of thermocouple are reversed
(3) Temperature has fallen much below scale range
OFF
e11 or e33* (1) Memory failure (E11) display
(2) Analog-to-digital converter failure (E33) display
Temperature controller must be repaired if recovery is not made
by turning power off once and on again.
Both control outputs and the alarm output
are OFF
Note: *Key operations are disabled.
When the alarm outputs are used, an alarm output occurs when the “FFF” and “------” messages appear in the display. These dis-
plays indicate when the temperature has risen beyond or fallen below the temperature scale range.
J Sensor Failure Indication
Condition
Display
Control output
Thermocouple sensor
Break in sensor
fff blinks
OFF
Short-circuit
Ambient temperature
OFF
Platinum RTD sensor
Break in sensor
fff blinks
OFF
--- blinks
OFF
Disconnection of two or three wires
fff blinks
OFF
Short-circuit
--- blinks
OFF
Thermistor sensor
Break in sensor
---
ON during heating (reverse) action
OFF during cooling (normal) action
Short-circuit
fff
ON during heating (reverse) action
OFF during cooling (normal) action
Note: The resistance of the platinum RTD is 100
Ω at 0°C and increases to 140 Ω at 100°C.


Similar Part No. - E5CS-R1KJX-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CS-R1KJX OMRON-E5CS-R1KJX Datasheet
173Kb / 12P
   Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
More results

Similar Description - E5CS-R1KJX-F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-164A FUJI-EDS11-164A Datasheet
468Kb / 8P
   PX series Digital temperature Controller Socket Type MICRO-CONTROLLER X (48mm횞48mm) MICRO-CONTROLLER X
logo
WAGO Kontakttechnik Gmb...
750-8101-025-000 WAGO-750-8101-025-000 Datasheet
755Kb / 16P
   Controller PFC100; 2 x ETHERNET; Ext. Temperature
logo
Omron Electronics LLC
E5AX-P OMRON-E5AX-P Datasheet
162Kb / 14P
   Temperature Controller
logo
Fuji Electric
EDS11-159C FUJI-EDS11-159C Datasheet
297Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 96 mm)
EDS11-160C FUJI-EDS11-160C Datasheet
314Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (96 횞 96 mm)
logo
FOTEK CONTROLS CO., LTD...
TC4896-DA FOTEK-TC4896-DA Datasheet
1Mb / 5P
   Temperature Controller
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
   Temperature Controller
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
WAGO Kontakttechnik Gmb...
750-8210-025-000 WAGO-750-8210-025-000 Datasheet
813Kb / 14P
   Controller PFC200; 2nd Generation; 4 x ETHERNET; Ext. Temperature
750-8102-025-000 WAGO-750-8102-025-000 Datasheet
771Kb / 16P
   Controller PFC100; 2 x ETHERNET, RS-232/-485; Ext. Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com