Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADJD-YM00 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADJD-YM00
Description  High Power Light Strip, Ring & Round Architectural lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADJD-YM00 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ADJD-YM00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Device Selection Guide (TJ = 25°C) [1]
Module
Type
Color
No. of LEDs
Part Number
Luminous Flux, Φv [2,3]
(lm)
Test
Current
Dice
Technology
Min.
Typ.
Max.
(mA)
Strip
Cool White
3
ADJD-WM00
56.0
80.0
124.0
350
InGaN
3
ADJD-WM01
4
ADJD-WM10
6
ADJD-WM21
9
ADJD-WM30
12
ADJD-WM40
Warm White
3
ADJD-YM00
56.0
70.0
95.0
350
InGaN
3
ADJD-YM01
4
ADJD-YM10
6
ADJD-YM21
9
ADJD-YM30
12
ADJD-YM40
Round
Cool White
7
ADJD-WMR0
56.0
80.0
124.0
350
InGaN
Ring
8
ADJD-WMR3
Round
Warm White
7
ADJD-YMR0
56.0
70.0
95.0
350
InGaN
Ring
8
ADJD-YMR3
Notes:
1. Applicable to a single unit of LED only. Data are based on ASMT-Mxx4 component level device only.
2.
IV is the total luminous flux output as measured with an integrating sphere at 25ms mono pulse condition.
3. Flux tolerance is ±10 %.
Note:
1. Please refer to Page 10 for selection details.
Table 1.
x2x3
No. of
LEDs
Module
Type
Resistor
Driving
Condition
00
3
Strip
No
Current
01
3
Strip
Yes
Voltage
10
4
Strip
No
Current
21
6
Strip
Yes
Voltage
30
9
Strip
No
Current
40
12
Strip
No
Current
R0
7
Round
No
Current
R3
8
Ring
No
Current
Part Numbering System
ADJD – x1 M x2x3 – N x4 x5 x6 x7
Packaging Option
Color Bin Selection
Maximum Flux Bin Selection
Minimum Flux Bin Selection
Please refer to Table 1
Color
W - Cool White
Y - Warm White


Similar Part No. - ADJD-YM00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-YM21-NJJZ0 AVAGO-ADJD-YM21-NJJZ0 Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

Similar Description - ADJD-YM00

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
   Architectural lighting
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
   Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
   Architectural lighting
GRDASPA2.23 OSRAM-GRDASPA2.23 Datasheet
1Mb / 21P
   Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
   Architectural lighting
GTPSLR31.13 OSRAM-GTPSLR31.13 Datasheet
814Kb / 22P
   Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
   Architectural lighting
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
   Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
   Architectural lighting
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
   Architectural lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com