Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTLP6C816MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # GTLP6C816MTC
Description  GTLP-to-TTL 1:6 Clock Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GTLP6C816MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  GTLP6C816MTC Datasheet HTML 1Page - Fairchild Semiconductor GTLP6C816MTC Datasheet HTML 2Page - Fairchild Semiconductor GTLP6C816MTC Datasheet HTML 3Page - Fairchild Semiconductor GTLP6C816MTC Datasheet HTML 4Page - Fairchild Semiconductor GTLP6C816MTC Datasheet HTML 5Page - Fairchild Semiconductor GTLP6C816MTC Datasheet HTML 6Page - Fairchild Semiconductor GTLP6C816MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Over recommended range of supply voltage and operating free air temperature. VREF = 1.0V (unless otherwise noted).
CL = 30 pF for OBn-Port and CL = 50 pF for OAn-Port.
Note 6: All typical values are at VCC = 5.0V and TA = 25°C.
Note 7: Skew specs are given for specific worst case VCC Temp. Skew values between the OBn outputs could vary on the backplane due to loading and
impedance seen by the device.
Symbol
From (Input)
To (Output)
Min
Typ
(Note 6)
Max
Units
tPLH
TTLIN
OBn
1.5
3.8
6.0
ns
tPHL
1.5
2.8
5.0
tPLH
OEB
OBn
1.5
6.4
10.5
ns
tPHL
1.5
3.2
6.0
tRISE
Transition Time, OB Outputs (20% to 80%)
2.3
ns
tFALL
Transition Time, OB outputs (20% to 80%)
2.3
ns
tRISE
Transition Time, OA outputs (10% to 90%)
2.0
ns
tFALL
Transition Time, OA outputs (10% to 90%)
2.0
ns
tPZH, tPZL
OEA
OAn
0.5
3.6
6.5
ns
tPLZ, tPHZ
0.5
3.8
6.5
tPLH
GTLPIN
OAn
1.5
4.4
6.5
ns
tPHL
1.5
4.0
6.0
tOSHL, tOSLH
(Note 7)
Common Edge Skew
0.2
1.0
ns


Similar Part No. - GTLP6C816MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
GTLP6C816AMTC FAIRCHILD-GTLP6C816AMTC Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
More results

Similar Description - GTLP6C816MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP6C817 FAIRCHILD-GTLP6C817 Datasheet
50Kb / 7P
   Low Drive GTLP-to-LVTTL 1:6 Clock Driver
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817_07 Datasheet
287Kb / 19P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643_16 Datasheet
139Kb / 6P
   Dual Supply ECL to TTL 1:8 Clock Driver
August, 2016 ??Rev. 9
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com