Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5963LZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5963LZ
Description  Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5963LZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-5963LZ_12 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ_12 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ_12 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ_12 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ_12 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ_12 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ_12 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ_12 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ_12 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to each
parameter in isolation, all other parameters having values within the recommended operating conditions. It should not
be assumed that limiting values of more than one parameter can be applied to the product at the same time. Exposure
to the absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Storage Temperature
TS
-40
+100
°C
Lead Soldering Temperature
TSOLD
+260
°C
Lead Soldering Time
tSOLD
10
sec
Supply Voltage
VCC
-0.5
3.63
V
Data Input Voltage
VI
-0.5
VCC
V
Differential Input Voltage (p-p)
VD
2.0
V
1
Output Current
IO
50
mA
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Case Operating Temperature
HFBR-5963LZ
HFBR-5963ALZ
TC
TC
0
-40
+70
+85
°C
°C
Supply Voltage
VCC
2.97
3.3
3.63
V
Data Input Voltage - Low
VIL - VCC
-1.810
-1.475
V
Data Input Voltage - High
VIH - VCC
-1.165
-0.880
V
Data and Signal Detect Output Load
RL
50
2
Differential Input Voltage (p-p)
VD
0.800
V
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Supply Current
ICC
110
175
mA
3
Power Dissipation
PDISS
0.4
0.64
W
5a
Data Input Current - Low
IIL
-350
-2
μA
Data Input Current - High
IIH
18
350
μA
Transmitter Electrical Characteristics
HFBR-5963LZ (TC = 0 ºC to +70 ºC, VCC=2.97 V to 3.63 V)
HFBR-5963ALZ (TC = -40 ºC to +85 ºC, VCC=2.97 V to 3.63V)
Recommended Operating Conditions


Similar Part No. - HFBR-5963LZ_12

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
More results

Similar Description - HFBR-5963LZ_12

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
HFBR-57E0APZ AVAGO-HFBR-57E0APZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
logo
Broadcom Corporation.
HFBR-57E5APZ BOARDCOM-HFBR-57E5APZ Datasheet
569Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Broadcom Corporation.
AFBR-57E6APZC BOARDCOM-AFBR-57E6APZC Datasheet
787Kb / 21P
   Multimode Small Form Factor Pluggable Transceivers with LC Connector and Conformal Coating, DMI for FDDI and Fast Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com