Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CB16-QT0DD Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB16-QT0DD
Description  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB16-QT0DD Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB16-QT0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB16-QT0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB16-QT0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB16-QT0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB16-QT0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB16-QT0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB16-QT0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB16-QT0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB16-QT0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image

Device Selection Guide
Part Number
Typical
Viewing Angle
2q1/2 (Deg)[1]
Color and Typ.
Dominant Wavelength
λd (nm) [2]
Luminous Intensity,
Iv (mcd) at 20 mA [3,4,5]
Leads with
Stand-Offs
Package
Drawing
Min.
Max.
HLMP-CB15-P00xx
15°
Blue 47
880
-
No
A
HLMP-CB15-QT0xx
15°
Blue 47
1150
300
No
A
HLMP-CB15-R00xx
15°
Blue 47
1500
-
No
A
HLMP-CB15-RSCxx
15°
Blue 47
1500
500
No
A
HLMP-CB16-P00xx
15°
Blue 47
880
-
Yes
B
HLMP-CB16-QT0xx
15°
Blue 47
1150
300
Yes
B
HLMP-CM15-S00xx
15°
Green 56
1900
-
No
A
HLMP-CM15-SV0xx
15°
Green 56
1900
5500
No
A
HLMP-CM15-VY0xx
15°
Green 56
400
1000
No
A
HLMP-CM15-W00xx
15°
Green 56
5500
-
No
A
HLMP-CM15-WXBxx
15°
Green 56
5500
9300
No
A
HLMP-CM15-WZ0xx
15°
Green 56
5500
16000
No
A
HLMP-CM16-S00xx
15°
Green 56
1900
-
Yes
B
HLMP-CM16-VY0xx
15°
Green 56
400
1000
Yes
B
HLMP-CM16-WYGxx
15°
Green 56
5500
1000
Yes
B
HLMP-CE15-VWCxx
15°
Cyan 505
400
700
No
A
HLMP-CE15-WZCxx
15°
Cyan 505
5500
16000
No
A
HLMP-CE15-WZQxx
15°
Cyan 505
5500
16000
No
A
HLMP-CE16-UXQxx
15°
Cyan 505
300
9300
Yes
B
HLMP-CE16-WZBxx
15°
Cyan 505
5500
16000
Yes
B
HLMP-CE16-WZCxx
15°
Cyan 505
5500
16000
Yes
B
HLMP-CE16-WZQxx
15°
Cyan 505
5500
16000
Yes
B
HLMP-CE3-UVQxx
3°
Cyan 505
300
5500
No
A
HLMP-CE3-UXCxx
3°
Cyan 505
300
9300
No
A
HLMP-CE3-UXQxx
3°
Cyan 505
300
9300
No
A
HLMP-CE3-VWCxx
3°
Cyan 505
400
700
No
A
HLMP-CE3-VWQxx
3°
Cyan 505
400
700
No
A
HLMP-CE3-VXQxx
3°
Cyan 505
400
9300
No
A
HLMP-CE3-VYCxx
3°
Cyan 505
400
1000
No
A
HLMP-CE4-UX0xx
3°
Cyan 505
300
9300
Yes
B
HLMP-CE4-UXCxx
3°
Cyan 505
300
9300
Yes
B
HLMP-CE4-UXQxx
3°
Cyan 505
300
9300
Yes
B
HLMP-CE4-VXQxx
3°
Cyan 505
400
9300
Yes
B
HLMP-CE4-VYCxx
3°
Cyan 505
400
1000
Yes
B
HLMP-CE4-VYQxx
3°
Cyan 505
400
1000
Yes
B


Similar Part No. - HLMP-CB16-QT0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB16-QT0XX AVAGO-HLMP-CB16-QT0XX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CB16-QT0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com