Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-333J-000E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-333J-000E
Description  2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-333J-000E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-333J-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ACPL-333J
2.5 Amp Output Current IGBT Gate Driver Optocoupler
with Integrated (VCE) Desaturation Detection, UVLO
Fault Status Feedback, Active Miller Clamp and Auto-Fault Reset
Data Sheet
Features
• 2.5 A maximum peak output current
• 2.0 A minimum peak output current
• 250 ns maximum propagation delay over temperature
range
• 1.7A Active Miller Clamp.Clamp pin short to VEE if not
used
• Desaturation Detection
• Under Voltage Lock-Out Protection (UVLO) with
Hysteresis
• Open Collector Isolated fault feedback
• “Soft”IGBT Turn-off
• Automatic Fault Reset after fixed mute time , typical
26
μs
• Available in SO-16 package
• 100 ns maximum pulse width distortion (PWD)
• 50 kV/μs minimum common mode rejection (CMR) at
VCM = 1500 V
• ICC(max) < 5 mA maximum supply current
• Wide VCC operating range: 15 V to 30 V over
temperature range
• Wide operating temperature range: –40°C to 105°C
• Safety approvals: UL approval, 5000 VRMS for 1 minute,
CSA approval, IEC/EN/DIN-EN 60747-5-5 approval
VIORM = 1230 VPEAK
Applications
• Isolated IGBT/Power MOSFET gate drive
• AC and brushless DC motor drives
• Industrial inverters and Uninterruptible Power Supply
(UPS)
Description
The ACPL-333J is an advanced 2.5 A output current, easy-
to-use, intelligent gate drivers which make IGBT VCE fault
protection compact, affordable, and easy-to implement.
Features such as integrated VCE detection, under voltage
lockout (UVLO), “soft” IGBT turn-off, isolated open
collector fault feedback, active Miller clamping and Auto-
fault reset provide maximum design flexibility and circuit
protection.
The ACPL-333J contains a AlGaAs LED. The LED is optically
coupled to an integrated circuit with a power output
stage. ACPL-333J are ideally suited for driving power IGBTs
and MOSFETs used in motor control inverter applications.
The voltage and current supplied by these optocouplers
make them ideally suited for directly driving IGBTs with
ratings up to 1200 V and 150 A. For IGBTs with higher
ratings, the ACPL-333J can be used to drive a discrete
power stage which drives the IGBT gate. The ACPL-333J
have an insulation voltage of VIORM = 1230 VPEAK.
Block Diagram
SHIELD
SHIELD
D
R
I
V
E
R
V
E
DESAT
V
CC2
V
OUT
V
CLAMP
V
EE
V
CC1
V
S
FAULT
ANODE
CATHODE
V
CLAMP
V
LED
6, 7
5, 8
2
3
1, 4
13
11
14
9, 12
10
16
15
DESAT
UVLO
LED1
LED2
SHIELD
SHIELD
D
R
I
V
E
R
V
E
DESAT
V
CC2
V
OUT
V
CLAMP
V
EE
V
CC1
V
S
FAULT
ANODE
CATHODE
V
CLAMP
V
LED
6, 7
5, 8
2
3
1, 4
13
11
14
9, 12
10
16
15
DESAT
UVLO
LED1
LED2
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - ACPL-333J-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-333J-500E AVAGO-ACPL-333J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
More results

Similar Description - ACPL-333J-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-T350 AVAGO-ACPL-T350 Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
ACPL-T350-300E AVAGO-ACPL-T350-300E Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-3130-300E AVAGO-ACPL-3130-300E Datasheet
552Kb / 20P
   Very High CMR 2.5 Amp Output Current IGBT Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com