Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-333J Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-333J
Description  2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-333J Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-333J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-333J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
Table 6. Switching Specifications (AC)
Unless otherwise noted, all typical values at TA = 25°C, VCC2 - VEE = 30 V, VE - VEE = 0 V;
all Minimum/Maximum specifications are at Recommended Operating Conditions. Only Positive Supply Voltage used.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
to High Output Level
tPLH
100
180
250
ns
Rg = 10
Ω,
Cg = 10 nF,
f = 10 kHz,
Duty Cycle = 50%,
IF = 10 mA,
VCC2 = 30 V
1, 13,
14, 15,
16, 29
13, 15
Propagation Delay Time
to Low Output Level
tPHL
100
180
250
ns
1, 13,
14, 15,
16, 29
Pulse Width Distortion
PWD
-100
20
100
ns
14, 17
Propagation Delay
Difference Between Any
Two Parts or Channels
(tPHL - tPLH)
PDD
-150
150
ns
17, 16
Rise Time
tR
50
ns
Fall Time
tF
50
ns
DESAT Sense to
90% VO Delay
tDESAT(90%)
0.15
0.5
μs
CDESAT = 100pF, Rg = 10
Ω,
Cg = 10 nF, VCC2 = 30 V
17, 30
19
DESAT Sense to
10% VO Delay
tDESAT(10%)
23
μs
CDESAT = 100pF, Rg = 10
Ω,
Cg = 10 nF, VCC2 = 30 V
18, 19,
20, 30
DESAT Sense to Low Level
FAULT Signal Delay
tDESAT(FAULT)
0.25
0.5
μs
CDESAT = 100 pF, RF = 2.1 kΩ,
CF = Open, Rg = 10 Ω,
Cg = 10 nF, VCC2 = 30 V
30
18
0.8
CDESAT = 100 pF, RF = 2.1 kΩ,
CF = 1 nF, Rg = 10 Ω,
Cg = 10 nF, VCC2 = 30 V
DESAT Sense to DESAT
Low Propagation Delay
tDESAT(LOW)
0.25
μs
CDESAT = 100pF, RF = 2.1 k
Ω,
Rg = 10
Ω, Cg = 10 nF,
VCC2 = 30 V
30
19
DESAT Input Mute
tDESAT(MUTE)
15
26
40
μs
CDESAT = 100pF, RF = 2.1 k
Ω,
Rg = 10
Ω, Cg = 10 nF,
VCC1 = 5.5V, VCC2 = 30 V
20
Output High Level
Common Mode Transient
Immunity
|CMH|
15
25
kV/μs
TA = 25°C, IF = 10 mA
VCM = 1500 V, VCC2 = 30 V, RF
= 2.1 kΩ, CF = 15 pF
31, 32,
33, 34
21
50
60
TA = 25°C, IF = 10 mA
VCM = 1500 V, VCC2 = 30 V, RF
= 2.1 kΩ, CF = 1 nF
21,26
Output Low Level
Common Mode Transient
Immunity
|CML|
15
25
kV/μs
TA = 25°C, VF = 0 V
VCM = 1500 V, VCC2 = 30 V, RF
= 2.1 kΩ, CF = 15 pF
31, 32,
33, 34
22
50
60
TA = 25°C, VF = 0 V
VCM = 1500 V, VCC2 = 30 V, RF
= 2.1 kΩ, CF = 1 nF


Similar Part No. - ACPL-333J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-333J-500E AVAGO-ACPL-333J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
More results

Similar Description - ACPL-333J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-T350 AVAGO-ACPL-T350 Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
ACPL-T350-300E AVAGO-ACPL-T350-300E Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-3130-300E AVAGO-ACPL-3130-300E Datasheet
552Kb / 20P
   Very High CMR 2.5 Amp Output Current IGBT Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com