Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


GTLP1B151 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. GTLP1B151
Description  1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which the
safety of the device cannot be guaranteed. The device should not be oper-
ated at these limits. The parametric values defined in the “Electrical Char-
acteristics” table are not guaranteed at the absolute maximum rating. The
“Recommended Operating Conditions” table will define the conditions for
actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics
Over Recommended Operating Free-Air Temperature Range, VREF = 1.0V (unless otherwise noted).
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
−0.5V to +4.6V
DC Output Voltage (VO)
Outputs 3-STATE
−0.5V to +4.6V
Outputs Active (Note 2)
−0.5V to +4.6V
DC Output Sink Current into
C Port IOL
48 mA
DC Output Source Current from
C Port IOH
−48 mA
DC Output Sink Current into
B Port in the LOW State, IOL
100 mA
DC Input Diode Current (IIK)
VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
ESD Rating
>2000V
Storage Temperature (TSTG)
−65°C to +150°C
Supply Voltage VCC
3.15V to 3.45V
Bus Termination Voltage (VTT)
GTLP
1.47V to 1.53V
VREF
0.98V to 1.02V
Input Voltage (VI)
on A Port and Control Pins
0.0V to VCC
HIGH Level Output Current (IOH)
C Port
−24 mA
LOW Level Output Current (IOL)
C Port
+24 mA
B Port
+50 mA
Operating Temperature (TA)
−40°C to +85°C
Symbol
Test Conditions
Min
Typ
Max
Units
(Note 3)
VIH
B Port
VREF + 0.05
VTT
V
Others
2.0
VIL
B Port
0.0
VREF − 0.05
V
Others
0.8
VREF
B Port
0.7V
1.0
1.3V
V
VTT
B Port
VREF + 50 mV
1.5
VCC
V
VIK
VCC = 3.15V
II = −18 mA
−1.2
V
VOH
C Port
VCC = Min to Max (Note 4)
IOH = −100 µAVCC –0.2
V
VCC = 3.15V
IOH = −8 mA
2.4
IOH = -24mA
2.2
VOL
C Port
VCC = Min to Max (Note 4)
IOL = 100 µA0.2
V
VCC = 3.15V
IOL = 8 mA
0.4
VCC = 3.15V
IOL = 24mA
0.5
B Port
VCC = 3.15V
IOL = 40 mA
0.4
V
IOL = 50 mA
0.55
II
Control Pins
VCC = 3.45V
VI = 3.45V
5
µA
VI = 0V
−5
A Port
VCC = 3.45V
VI = 3.45V
10
µA
VI = 0V
−10
B Port
VCC = 3.45V
VI = 3.45
5
µA
VI = 0
−5
IOFF
A or C Ports,
VCC = 0VI or VO = 0 to 3.45V
30
µA
Control Pins
B Port
VCC = 0VI or VO = 0 to 3.45V
30
µA
II (HOLD)
A Port
VCC = 3.15V
VI = 0.8V
75
µA
VI = 2.0V
−75
IOZH
C Port
VCC = 3.45V
VO = 3.45V
10
µA
B Port
VO = 3.45V
5
IOZL
C Port
VCC = 3.45V
VO = 0V
−10
µA
B Port
VO = 0.0V
−5




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GTLP10B32010-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path 1 2 3 4 5 MoreFairchild Semiconductor
SN74VMEH225018 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74GTLP20338-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH 1 2 3 4 5 MoreTexas Instruments
SN74GTLP220348-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH 1 2 3 4 5 MoreTexas Instruments
SN74GTLP1395TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND SELECTABLE POLARITY 1 2 3 4 5 MoreTexas Instruments
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT162245Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT2245Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT322245Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl