Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMN-A400-S8PM2 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMN-A400-S8PM2
Description  SMT LED Surface Mount LED Indicator High brightness using AlInGaP and InGaN dice
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMN-A400-S8PM2 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMN-A400-S8PM2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMN-A400-S8PM2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMN-A400-S8PM2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMN-A400-S8PM2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMN-A400-S8PM2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMN-A400-S8PM2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMN-A400-S8PM2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMN-A400-S8PM2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMN-A400-S8PM2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings (TA = 25°C)
Parameters
HSMC/J/L/A/E
HSMZ/V/U
HSMM/K/N
DC Forward Current[1]
70 mA[3,4]
70 mA[3,4]
30 mA
Peak Forward Current [2]
200 mA
200 mA
90 mA
Power Dissipation
180 mW
240 mW
114 mW
Reverse Voltage
5 V
Junction Temperature
110°C
Operating Temperature
–40°C to +100°C
Storage Temperature
–40°C to +100°C
Notes:
1. Derate linearly as shown in figure 5.
2. Duty factor = 10%, Frequency = 1 kHz.
3. Drive current between 10 mA and 70 mA is recommended for best long-term performance.
4. Operation at currents below 5 mA is not recommended.
Part Numbering System
HSM x1 – A x2 x3x4 – x5x6 x7 x8x9
Packaging Option
Color Bin Selection
Intensity Bin Select
Device Specific Configuration
Package Type
LED Chip Color


Similar Part No. - HSMN-A400-S8PM2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMN-A400-S8PM2 BOARDCOM-HSMN-A400-S8PM2 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
More results

Similar Description - HSMN-A400-S8PM2

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDO-SJS-C10 BRIGHT-BL-PDO-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-CRS-C10 BRIGHT-BL-PDR-CRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TJS-C10 BRIGHT-BL-PDR-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDS-CRS-C10 BRIGHT-BL-PDS-CRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-CJS-C10 BRIGHT-BL-PDY-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-CJS-C10 BRIGHT-BL-PDG-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com