Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMC-A401-U80M1 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-A401-U80M1
Description  SMT LED Surface Mount LED Indicator High brightness using AlInGaP and InGaN dice
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-A401-U80M1 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMC-A401-U80M1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMC-A401-U80M1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMC-A401-U80M1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-A401-U80M1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-A401-U80M1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-A401-U80M1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-A401-U80M1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-A401-U80M1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-A401-U80M1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Optical Characteristics (TA = 25°C)
Peak
Dominant
Luminous
Luminous Intensity/
Wavelength
Wavelength
Viewing Angle
Efficacy
ηv[3]
Total Flux
Part
λPEAK (nm)
λD[1] (nm)
2
θ1/2[2](Degrees)
(lm/W)
Iv(mcd)/Φv(mlm)
Color
Number
Typ.
Typ.
Typ.
Typ.
Typ.
Red
HSMC
635
626
120
150
0.45
HSMZ
639
630
120
155
0.45
Red Orange
HSMJ
621
615
120
240
0.45
HSMV
623
617
120
263
0.45
Orange
HSML
609
605
120
320
0.45
Amber
HSMA
592
590
120
480
0.45
HSMU
594
592
120
500
0.45
Yellow Green
HSME
576
575
120
560
0.45
Emerald Green
HSME
568
567
120
610
0.45
Green
HSMM
518
525
120
500
0.45
Cyan
HSMK
502
505
120
300
0.45
Blue
HSMN
468
470
120
75
0.45
Notes:
1. The dominant wavelength,
λD, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
3. Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv is the
luminous efficacy in lumens/watt.
Electrical Characteristics (TA = 25°C)
Forward Voltage
Reverse Voltage
VF(Volts) @ IF= 50 mA
VR @ 100 µA
Part Number
Typ.
Max.
Min.
HSMC/J/L/A/E
2.2
2.5
5
HSMZ/V/U
2.8
3.4
5
Forward Voltage
Reverse Voltage
VF(Volts) @ IF= 30 mA
VR @ 10 µA
Part Number
Typ.
Max.
Min.
HSMM/K/N
3.8
4.6
5
Figure 1. Relative intensity vs. wavelength
WAVELENGTH – nm
HSMx-Axxxx g 1
EMERALD GREEN
1.0
0.8
0
380
480
580
680
730
780
630
530
430
BLUE
CYAN
0.6
0.4
0.2
GREEN
YELLOW GREEN
AMBER
ORANGE
RED ORANGE
RED
0.1
0.3
0.5
0.7
0.9


Similar Part No. - HSMC-A401-U80M1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMC-A401-U80M1 BOARDCOM-HSMC-A401-U80M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
More results

Similar Description - HSMC-A401-U80M1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDO-SJS-C10 BRIGHT-BL-PDO-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-CRS-C10 BRIGHT-BL-PDR-CRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TJS-C10 BRIGHT-BL-PDR-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDS-CRS-C10 BRIGHT-BL-PDS-CRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-CJS-C10 BRIGHT-BL-PDY-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-CJS-C10 BRIGHT-BL-PDG-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com