Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMJ-A100-Q00J1 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMJ-A100-Q00J1
Description  PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMJ-A100-Q00J1 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMJ-A100-Q00J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-Q00J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-Q00J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-Q00J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-Q00J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-Q00J1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-Q00J1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-Q00J1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-Q00J1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Figure 11. Tape leader and trailer dimensions.
Figure 12. Tape dimensions.
200 mm MIN. FOR
Ø180 REEL.
200 mm MIN. FOR
Ø330 REEL.
TRAILER
COMPONENT
LEADER
480 mm MIN. FOR
Ø180 REEL.
960 mm MIN. FOR
Ø330 REEL.
C
A
USER FEED DIRECTION
HSMx-A100 g 8
C
A
4 ± 0.1
4 ± 0.1
2 ± 0.05
3.05 ± 0.1
3.5 ± 0.05
8
+0.3
–0.1
1.75 ± 0.1
3.81 ± 0.1
2.29 ± 0.1
0.229 ± 0.01
Ø 1.5
+0.1
–0
Ø1
+0.1
–0
HSMx-A100 g 9


Similar Part No. - HSMJ-A100-Q00J1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMJ-A100-Q00J1 HP-HSMJ-A100-Q00J1 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
HSMJ-A100-Q00J1 HP-HSMJ-A100-Q00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMJ-A100-Q00J1 AVAGO-HSMJ-A100-Q00J1 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMJ-A100-Q00J1 HP-HSMJ-A100-Q00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMJ-A100-Q00J1 BOARDCOM-HSMJ-A100-Q00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMJ-A100-Q00J1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
List of Unclassifed Man...
PLB111010 ETC2-PLB111010 Datasheet
443Kb / 7P
   Industry standard PLCC-2
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com