Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMC2855C Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # GMC2855C
Description  2.3 5 X 8 DOT MATRIX DISPLAYS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GMC2855C Datasheet(HTML) 8 Page - Fairchild Semiconductor

  GMC2855C Datasheet HTML 1Page - Fairchild Semiconductor GMC2855C Datasheet HTML 2Page - Fairchild Semiconductor GMC2855C Datasheet HTML 3Page - Fairchild Semiconductor GMC2855C Datasheet HTML 4Page - Fairchild Semiconductor GMC2855C Datasheet HTML 5Page - Fairchild Semiconductor GMC2855C Datasheet HTML 6Page - Fairchild Semiconductor GMC2855C Datasheet HTML 7Page - Fairchild Semiconductor GMC2855C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
2.3" 5 X 8
DOT MATRIX DISPLAYS


Similar Part No. - GMC2855C

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
GMC2875C QT-GMC2875C Datasheet
591Kb / 7P
   2.0 5X7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMC2875C FAIRCHILD-GMC2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
QT Optoelectronics
GMC2885C QT-GMC2885C Datasheet
577Kb / 7P
   2.3 5X8 DOT MATRIX DISPLAYS
GMC2888C QT-GMC2888C Datasheet
595Kb / 7P
   2.3 8X8 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMC2888C FAIRCHILD-GMC2888C Datasheet
620Kb / 8P
   2.3 8 X 8 DOT MATRIX DISPLAYS
More results

Similar Description - GMC2855C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GMA2888C FAIRCHILD-GMA2888C Datasheet
620Kb / 8P
   2.3 8 X 8 DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-2082SURWA EVERLIGHT-ELM-2082SURWA Datasheet
198Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-2081SURWA EVERLIGHT-ELM-2081SURWA Datasheet
195Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-2882SYGWAS530-E2 EVERLIGHT-ELM-2882SYGWAS530-E2 Datasheet
231Kb / 7P
   2.3" 8*8 Dot Matrix Displays
ELM-2881UYWA-S530-A3 EVERLIGHT-ELM-2881UYWA-S530-A3 Datasheet
238Kb / 5P
   2.3" 8*8 Dot Matrix Displays
ELM-2882SURWA EVERLIGHT-ELM-2882SURWA Datasheet
214Kb / 7P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2881SURWA EVERLIGHT-ELM-2881SURWA Datasheet
215Kb / 7P
   2.3 inch 8*8 Dot Matrix Displays
logo
Lite-On Technology Corp...
LTP-2558AA LITEON-LTP-2558AA Datasheet
986Kb / 8P
   2.3 inch 5 x 8 SINGLE COLOR & MULTICOLOR DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-2882SYGWA EVERLIGHT-ELM-2882SYGWA Datasheet
202Kb / 6P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2881SYGWA EVERLIGHT-ELM-2881SYGWA Datasheet
203Kb / 6P
   2.3 inch 8*8 Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com